Electronic Components Datasheet Search
  English  ▼

X  

CMD232 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD232
Description  2-9 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD232 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD232 Datasheet HTML 1Page - Qorvo, Inc CMD232 Datasheet HTML 2Page - Qorvo, Inc CMD232 Datasheet HTML 3Page - Qorvo, Inc CMD232 Datasheet HTML 4Page - Qorvo, Inc CMD232 Datasheet HTML 5Page - Qorvo, Inc CMD232 Datasheet HTML 6Page - Qorvo, Inc CMD232 Datasheet HTML 7Page - Qorvo, Inc CMD232 Datasheet HTML 8Page - Qorvo, Inc CMD232 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD232
CMD232
CMD232
2-9 GHz Driver Amplifier
Parameter
Min
Typ
Max
Units
Vdd
5.0
6.0
7.0
V
Idd
90
mA
Operation of this device outside the maximum
ratings may cause permanent damage.
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 6.0 V, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
7.5 V
RF Input Power
+15 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
665 mW
Thermal Resistance
97.5 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.2 0616
Parameter
Min
Typ
Max
Units
Frequency Range
2 - 9
GHz
Gain
12
15
19
dB
Noise Figure
4.5
dB
Input Return Loss
15
dB
Output Return Loss
13
dB
Output P1dB
15
17
dBm
Output IP3
23.5
dBm
Supply Current
60
90
120
mA
Gain Temperature
Coefficient
0.014
dB/°C
Noise Figure Temperature
Coefficient
0.012
dB/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com