Electronic Components Datasheet Search
  English  ▼

X  

ST22T064-A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST22T064-A
Description  Smartcard 32-Bit RISC MCU with 64 Kbytes EEPROM & USB 2.0 Full Speed Device Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST22T064-A Datasheet(HTML) 2 Page - STMicroelectronics

  ST22T064-A Datasheet HTML 1Page - STMicroelectronics ST22T064-A Datasheet HTML 2Page - STMicroelectronics ST22T064-A Datasheet HTML 3Page - STMicroelectronics ST22T064-A Datasheet HTML 4Page - STMicroelectronics ST22T064-A Datasheet HTML 5Page - STMicroelectronics ST22T064-A Datasheet HTML 6Page - STMicroelectronics ST22T064-A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST22T064-A
2/7
CRYPTOGRAPHIC LIBRARY
The Crypto Library is provided as a separate ROM
area with an access through a unique entry point.
This library provides optimized -for the SmartJ
core- and secured implementation of the following
features:
I
ASYMMETRICAL ALGORITHMS
–
RSA signature/verification
–
Prime number generation (up to 1024-bit)
–
RSA key computation (up to 2048-bit)
I
HASH FUNCTION
–
SHA-1
I
SYMMETRICAL ALGORITHMS
–
DES, Triple DES, AES
CRYPTOGRAPHY PERFORMANCE
The following table provides the cryptographic
performances of the ST22T064-A based on ST
Crypto Library.
Table 1. Preliminary Cryptographic
Performances
MEMORY
I
HIGHLY RELIABLE CMOS EEPROM
TECHNOLOGY
–
Error Correction Code for single bit fail
within a 32-bit word
–
10 years data retention, 500,000 Erase/
Write cycles endurance
–
1 to 128 bytes Erase or Program in 2 ms
typical
I
HIGH PERFORMANCE MEMORY
–
Dual memory buses for data and
instruction
–
Byte, Short (2) and Word (4) load and
store
–
Address auto-increment
OTHER FEATURES
I
HARDWARE ASYNCHRONOUS SERIAL
INTERFACE (ASI)
–
1M baud rate capability
–
2 serial I/O ports compatible ISO 7816-3
T=0 and T=1
I
2 USER CONFIGURABLE 12-BIT AND 16-
BIT TIMERS WITH INTERRUPT
I
CENTRAL INTERRUPT CONTROLLER
WITH UP TO 16 INPUT LINES
I
EXTERNAL CLOCK FROM 1 MHz TO 10
MHz (ISO 7816-3 MODE)
I
1.62 V TO 5.5 V SUPPLY VOLTAGE (ISO
7816-3 MODE)
I
4V TO 5.5V IN THE USB MODE
I
TEMPERATURE RANGE -25° C to +85° C
I
POWER SAVING STANDBY MODE,
SUSPEND (USB)
I
ESD PROTECTION GREATER THAN 5000 V
I
UNIQUE IDENTIFICATION PER DIE
I
TYPICAL INTERNAL FREQUENCY UP TO
33 MHz
I
SOFTWARE CONTROLLED CLOCK
MANAGEMENT
Algorithm
Function
Time(1)
1. Internal clock at 33 MHz
RSA
1024 bits
Signature with CRT
79.0 ms
Signature without CRT(2)
2. CRT: Chinese Reminder Theorem
242.0 ms
Verification (e=0x10001)
3.6 ms
RSA
2048 bits
Signature with CRT
485.0 ms
Signature without CRT
1.7 s
Verification (e=0x10001)
11.0 ms
DES
Triple
18 µs
Single
8 µs
TDES(3)
3. TDES with encryption coprocessor
Triple (with keys loaded)
1.8 us
SHA-1
512-bit Block
194 µs
AES-128
Encryption including subkey
computation
85 µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com