Electronic Components Datasheet Search
  English  ▼

X  

STW5095T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW5095T
Description  Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5095T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW5095T Datasheet HTML 4Page - STMicroelectronics STW5095T Datasheet HTML 5Page - STMicroelectronics STW5095T Datasheet HTML 6Page - STMicroelectronics STW5095T Datasheet HTML 7Page - STMicroelectronics STW5095T Datasheet HTML 8Page - STMicroelectronics STW5095T Datasheet HTML 9Page - STMicroelectronics STW5095T Datasheet HTML 10Page - STMicroelectronics STW5095T Datasheet HTML 11Page - STMicroelectronics STW5095T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
2 Pin Description
STw5095
8/69
C4
CMOD
DI
Control interface type selector: I2C-bus mode or SPI mode.
A2
SCLK
DI
Control interface serial clock input.
B4
SDA/SDIN
DIOD
Control interface serial data input-output in I2C mode (SDA),
Control interface serial data input in SPI mode (SDIN).
C5
AS/CSB
DI
Control interface address select in I2C mode (AS).
Interface enable signal in SPI mode (CSB).
A7
AD_SYNC
DIO
Frame Sync for stereo A/D converter.
B7
DA_SYNC
DIO
Frame Sync for stereo D/A converter.
A5
AD_CK
DIO
Serial Data Clock for stereo A/D converter.
B5
DA_CK
DIO
Serial Data Clock for stereo D/A converter.
B6
AD_DATA
DO
Serial Data Out for stereo A/D converter.
A8
DA_DATA
DI
Serial Data In for stereo D/A converter.
B1
HDET
AI
Headset detection input (Microphone Plug-in and Push-Button
detection).
B8
IRQ
DO
Programmable Interrupt output. Active low signal.
A3
AD_OCK
DO
Oversampled Clock Out from AD clock generator.
A4
DA_OCK
DO
Oversampled Clock Out from DA clock generator.
A6
AMCK
DI
AI
Master Clock Input. Accepted range 4 MHz to 32 MHz.
AMCK is a Digital square wave
AMCK is an Analog sinewave (see AMCKSIN
Section 4.8 on page 36)
B2
C3
D6
VCCA
P
Power Supply pins for the analog section.
Standard Operating range: from 2.7 V to 3.3 V
Low Voltage (LV) Range: from 2.4 V to 2.7 V
D4
E6
GNDA
P
Ground pins for the analog section.
F2
GNDCM
P
Ground pin for analog reference.
GNDCM can be connected to GNDA.
G6
H1
VCCP
P
Power Supply pins for the left and right output drivers (headphones
and line-out).
Operating range: from VCCA to 3.3V
H3
H6
VCCLS
P
Power Supply pins for the mono differential output driver.
Operating range: from VCCA to 5.5V
G2
G7
H4
H5
GNDP
P
Ground pins for the left, right and mono-differential output drivers.
GNDP and GNDA must be connected together.
B3
C6
VCC
P
Power Supply pins for the digital section.
Operating range: from 1.71 V to 2.7 V
Table 1.
Pin description
Pin N°
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com