Electronic Components Datasheet Search
  English  ▼

X  

RE17LLBMS Datasheet(PDF) 2 Page - Schneider Electric

Part # RE17LLBMS
Description  Harmony, Modular timing relay, 0.7 A, 1 s..100 h, asymmetrical flashing, solid state output, spring terminals, 24...240 V AC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RE17LLBMS Datasheet(HTML) 2 Page - Schneider Electric

  RE17LLBMS Datasheet HTML 1Page - Schneider Electric RE17LLBMS Datasheet HTML 2Page - Schneider Electric RE17LLBMS Datasheet HTML 3Page - Schneider Electric RE17LLBMS Datasheet HTML 4Page - Schneider Electric RE17LLBMS Datasheet HTML 5Page - Schneider Electric RE17LLBMS Datasheet HTML 6Page - Schneider Electric RE17LLBMS Datasheet HTML 7Page - Schneider Electric RE17LLBMS Datasheet HTML 8Page - Schneider Electric RE17LLBMS Datasheet HTML 9Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connections - terminals
Spring terminals, 2 x 0.2...2 x 1.5 mm² AWG 24...AWG 16) solid without cable end
Spring terminals, 2 x 0.2...2 x 1.5 mm² AWG 24...AWG 16) flexible without cable end
Dielectric strength
2.5 kV 1 mA/1 minute 50 Hz IEC 61812-1
Housing material
Self-extinguishing
Repeat accuracy
+/- 0.5 % IEC 61812-1
Temperature Drift
+/- 0.05 %/°C
Voltage drift
+/- 0.2 %/V
Setting accuracy of time delay
+/- 10 % of full scale 25 °C IEC 61812-1
Reset time
350 ms on de-energisation typical
On-load factor
100 %
Power consumption in VA
0…3 VA 240 V AC
Breaking capacity
0.5 A AC UL
0.7 A AC 68 °F (20 °C)
Operating frequency
10 Hz
Maximum output current
20 A
Minimum switching current
10 mA
Maximum leakage current
5 mA
Maximum switching voltage
250 V AC
Maximum voltage drop
<4 V 3-wire
<8 V 2-wire
Electrical durability
100000000 cycles
Marking
CE
Creepage distance
4 kV/3 IEC 60664-1
Safety reliability data
B10d = 320000
MTTFd = 353.8 years
Mounting position
Any position in relation to normal vertical mounting plane
Mounting support
35 mm DIN rail conforming to EN/IEC 60715
Net Weight
0.11 lb(US) (0.05 kg)
Time delay type
L, Li
Functionality
Asymmetrical flashing timer
Compatibility code
RE17
Environment
Immunity to microbreaks
20 ms
Derating factor
5 mA/°C
Standards
EN 61000-6-2
EN 61000-6-4
IEC 61812-1
EN 61000-6-1
EN 61000-6-3
2006/95/EC
2004/108/EC
Product Certifications
CSA
CULus
DNV-GL
EAC
Ambient Air Temperature for Storage
-22…140 °F (-30…60 °C)
Ambient Air Temperature for
Operation
-4…140 °F (-20…60 °C)
IP degree of protection
IP20 IEC 60529 terminal block)
IP40 IEC 60529 housing)
IP50 IEC 60529 front panel)
Vibration resistance
20 m/s² 10…150 Hz)IEC 60068-2-6
Shock resistance
15 gn 11 ms IEC 60068-2-27
Relative Humidity
93 % without condensation IEC 60068-2-30
Electromagnetic compatibility
Electrostatic discharge immunity test 6 kV in contact) level 3 IEC 61000-4-2
Electrostatic discharge immunity test 8 kV in air) level 3 IEC 61000-4-2
Susceptibility to electromagnetic fields 10 V/m 80 MHz to 1 GHz) level 3 IEC 61000-4-3
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com