Electronic Components Datasheet Search
  English  ▼

X  

560726 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 560726
Description  Air solenoid valve
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

560726 Datasheet(HTML) 1 Page - Festo Corporation.

  560726 Datasheet HTML 1Page - Festo Corporation. 560726 Datasheet HTML 2Page - Festo Corporation. 560726 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Air solenoid valve
VSVA-B-M52-MZ-A1-1C1-APP
Part number: 560726
Data sheet
Feature
Value
Valve function
5/2, monostable
Actuation type
Electrical
Width
26 mm
Standard nominal flow rate
1100 l/min
Pneumatic working port
Sub-base, size 26 mm as per ISO 15407-1
Size 01 sub-base as per VDMA 24563
G1/4
Operating voltage
24V DC
Operating pressure
-0.9 MPa ... 1.6 MPa
Operating pressure
-9 bar ... 16 bar
Design
Piston gate valve
Reset method
Mechanical spring
Certification
C-Tick
c UL us - Recognized (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Certificate issuing authority
UL MH19482
Degree of protection
IP65
NEMA 4
Nominal width
9 mm
Type code
VSVA
Exhaust air function
With flow control option
Via throttle plate
Via individual sub-base
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 15407-1
VDMA 24563
Manual override
Covered
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Any
Symbol
00992813
Measuring principle
Inductive
Lap
Overlap
Sensor reverse polarity protection
For all electrical connections
Signal status display
With accessories
Switching position sensing
Normal position with sensor
8/24/21 - Subject to change - Festo AG & Co. KG
1/3


Similar Part No. - 560726

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
560723 FESTO-560723 Datasheet
97Kb / 3P
Air solenoid valve
560724 FESTO-560724 Datasheet
105Kb / 3P
Air solenoid valve
560725 FESTO-560725 Datasheet
105Kb / 3P
Air solenoid valve
560727 FESTO-560727 Datasheet
100Kb / 2P
Air solenoid valve
560728 FESTO-560728 Datasheet
100Kb / 2P
Air solenoid valve
More results

Similar Description - 560726

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com