Electronic Components Datasheet Search
  English  ▼

X  

CDCDB800RSLR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800RSLR
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800RSLR Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCDB800RSLR Datasheet HTML 13Page - Texas Instruments CDCDB800RSLR Datasheet HTML 14Page - Texas Instruments CDCDB800RSLR Datasheet HTML 15Page - Texas Instruments CDCDB800RSLR Datasheet HTML 16Page - Texas Instruments CDCDB800RSLR Datasheet HTML 17Page - Texas Instruments CDCDB800RSLR Datasheet HTML 18Page - Texas Instruments CDCDB800RSLR Datasheet HTML 19Page - Texas Instruments CDCDB800RSLR Datasheet HTML 20Page - Texas Instruments CDCDB800RSLR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Table 8-6. OECR1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
OUT_EN_CLK5
R/W
1h
This bit controls the output enable signal for output channel CK5_P/
CK5_N.
0h = Output Disabled
1h = Output Enabled
6
OUT_EN_CLK4
R/W
1h
This bit controls the output enable signal for output channel CK4_P/
CK4_N.
0h = Output Disabled
1h = Output Enabled
5
OUT_EN_CLK3
R/W
1h
This bit controls the output enable signal for output channel CK3_P/
CK3_N.
0h = Output Disabled
1h = Output Enabled
4
OUT_EN_CLK2
R/W
1h
This bit controls the output enable signal for output channel CK2_P/
CK2_N.
0h = Output Disabled
1h = Output Enabled
3
Reserved
R/W
1h
Reserved
2
OUT_EN_CLK1
R/W
1h
This bit controls the output enable signal for output channel CK1_P/
CK1_N.
0h = Output Disabled
1h = Output Enabled
1
OUT_EN_CLK0
R/W
1h
This bit controls the output enable signal for output channel CK0_P/
CK0_N.
0h = Output Disabled
1h = Output Enabled
0
Reserved
R/W
1h
Reserved
8.6.1.3 OECR2 Register (Address = 2h) [reset = 0Fh]
OECR2 is shown in OECR2 Register Field Descriptions.
Return to the Summary Table.
The OECR2 register contains bits that enable or disable individual output clock channels [7:6].
Table 8-7. OECR2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
Reserved
R/W
1h
Reserved
2
OUT_EN_CLK7
R/W
1h
This bit controls the output enable signal for output channel CK7_P/
CK7_N.
0h = Output Disabled
1h = Output Enabled
1
Reserved
R/W
1h
Reserved
0
OUT_EN_CLK6
R/W
1h
This bit controls the output enable signal for output channel CK6_P/
CK6_N.
0h = Output Disabled
1h = Output Enabled
8.6.1.4 OERDBK Register (Address = 3h) [reset = 0h]
OERDBK is shown in Table 8-8.
Return to the Summary Table.
www.ti.com
CDCDB800
SNAS818 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com