Electronic Components Datasheet Search
  English  ▼

X  

OPA140 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA140
Description  OPAx140 High-Precision, Low-Noise, Rail-to-Rail Output, 11-MHz, JFET Op Amp
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA140 Datasheet(HTML) 2 Page - Texas Instruments

  OPA140 Datasheet HTML 1Page - Texas Instruments OPA140 Datasheet HTML 2Page - Texas Instruments OPA140 Datasheet HTML 3Page - Texas Instruments OPA140 Datasheet HTML 4Page - Texas Instruments OPA140 Datasheet HTML 5Page - Texas Instruments OPA140 Datasheet HTML 6Page - Texas Instruments OPA140 Datasheet HTML 7Page - Texas Instruments OPA140 Datasheet HTML 8Page - Texas Instruments OPA140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information: OPA140.................................... 6
6.5 Thermal Information: OPA2140.................................. 6
6.6 Thermal Information: OPA4140.................................. 6
6.7 Electrical Characteristics: VS = 4.5 V to 36 V;
±2.25 V to ±18 V............................................................7
6.8 Typical Characteristics................................................ 8
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................15
7.4 Device Functional Modes..........................................22
8 Application and Implementation.................................. 23
8.1 Application Information............................................. 23
8.2 Typical Application.................................................... 23
9 Power Supply Recommendations................................24
10 Layout...........................................................................25
10.1 Layout Guidelines................................................... 25
10.2 Layout Example...................................................... 25
11 Device and Documentation Support..........................26
11.1 Device Support........................................................26
11.2 Documentation Support.......................................... 26
11.3 Receiving Notification of Documentation Updates.. 26
11.4 Support Resources................................................. 27
11.5 Trademarks............................................................. 27
11.6 Electrostatic Discharge Caution.............................. 27
11.7 Glossary.................................................................. 27
12 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (January 2019) to Revision E (July 2021)
Page
• Added OPA2140 DRG preview package and associated content to data sheet................................................ 1
Changes from Revision C (August 2016) to Revision D (January 2019)
Page
• Changed Figure 12 x-axis title From: Frequency (Hz) To: Output Amplitude (VRMS)......................................... 8
Changes from Revision B (November 2015) to Revision C (August 2016)
Page
• Changed units for En Input voltage noise From: µV To: nV in Section 6.7 ........................................................ 7
Changes from Revision A (August 2010) to Revision B (November 2015)
Page
• Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section .................. 1
• Changed title of Table 6-1 From: Characteristic Performance Measurements To: Table of Graphs ..................8
• Changed section 7.37 title From: Power Dissipation and Thermal Protection To: Thermal Protection ........... 18
Changes from Revision * (July 2010) to Revision A (August 2010)
Page
• Changed device and data sheet status to production data status...................................................................... 1
• Added SOIC (8) (MSOP) packages....................................................................................................................3
OPA140, OPA2140, OPA4140
SBOS498E – JULY 2010 – REVISED JULY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: OPA140 OPA2140 OPA4140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com