Electronic Components Datasheet Search
  English  ▼

X  

MAX15112 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15112
Description  Operates from a 2.7V to 5.5V Input Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15112 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15112 Datasheet HTML 1Page - Maxim Integrated Products MAX15112 Datasheet HTML 2Page - Maxim Integrated Products MAX15112 Datasheet HTML 3Page - Maxim Integrated Products MAX15112 Datasheet HTML 4Page - Maxim Integrated Products MAX15112 Datasheet HTML 5Page - Maxim Integrated Products MAX15112 Datasheet HTML 6Page - Maxim Integrated Products MAX15112 Datasheet HTML 7Page - Maxim Integrated Products MAX15112 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESIGNATION
QTY
DESCRIPTION
C1, C2, C3
3
22FF Q20%, 6.3V X5R ceramic
capacitors (1206)
TDK C3216X5R0J226M
C5
0
Not installed, ceramic capacitor
(0603)
C7, C8
2
100FF Q10%, 6.3V X5R ceramic
capacitors (1206)
Murata GRM31CR60J107M
C9, C10
0
Not installed, ceramic capacitors
(1206)
C11
1
1FF Q10%, 10V X7R ceramic
capacitor (0603)
Murata GRM188R71A105K
C13
1
0.47FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C474K
C14
1
22pF Q5%, 50V ceramic
capacitor (0603)
Murata GRM1885C1H220J
C15
1
3300pF Q10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H332K
DESIGNATION
QTY
DESCRIPTION
C16
1
0.1FF Q10%, 50V X7R ceramic
capacitor (0603)
TDK C1608X7R1H104K
Murata GRM188R71H104K
C18
1
1500pF Q10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H152K
C19, C20
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106K
C21, C22
2
1000FF Q20%, 10V aluminum
electrolytic capacitors (10.3mm x
10.3mm)
Panasonic EEEFP1A102AP
C23
1
2.2FF Q10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R61C225K
TDK C1608X5R1C225K
IN, OUT,
PGND (x2)
4
Binding posts
JU1
1
2-pin header
JU2
1
3-pin header
L1
1
0.22FH, 21A inductor
Vishay IHLP2525BD01R22M01
MAX15112 Evaluation Kit
Evaluates: MAX15112
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
General Description
The MAX15112 evaluation kit (EV kit) provides a prov-
en design to evaluate the MAX15112 high-efficiency,
12A, step-down regulator with integrated switches in
a 24-bump wafer-level package (WLP). The EV kit is
preset for 1.5V output at load currents up to 12A from a
2.7V to 5.5V input supply. The device features a 1MHz
fixed switching frequency, which allows the EV kit to
achieve an all-ceramic capacitor design and fast tran-
sient responses.
Features
S
Operates from a 2.7V to 5.5V Input Supply
S
All-Ceramic Capacitor Design
S
1MHz Switching Frequency
S
Output Voltage Range
0.6V Up to 0.94 x VIN (Forced PWM)
0.6V Up to 0.85 x VIN (Skip Mode)
S
Enable Input/Power-Good Output
S
Selectable Skip-Mode Functionality
S
Proven PCB Layout
S
Fully Assembled and Tested
19-5992; Rev 1; 9/12
Component List
Ordering Information appears at end of data sheet.


Similar Part No. - MAX15112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15112 MAXIM-MAX15112 Datasheet
3Mb / 23P
High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
MAX15112EWG MAXIM-MAX15112EWG Datasheet
3Mb / 23P
High-Efficiency, 12A, Current-Mode Synchronous Step-Down Regulator with Integrated Switches
Rev 0; 6/11
More results

Similar Description - MAX15112

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17761EVKITA MAXIM-MAX17761EVKITA Datasheet
843Kb / 8P
Operates from a 4.5V to 76V Input Supply
Rev 0; 9/17
MAX17761EVKITB MAXIM-MAX17761EVKITB Datasheet
804Kb / 8P
Operates from a 6.5V to 76V Input Supply
Rev 0; 8/17
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15118EVKIT MAXIM-MAX15118EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
2012
MAX15108EVKIT MAXIM-MAX15108EVKIT Datasheet
1Mb / 8P
Operates from a 2.7V to 5.5V Input Supply
Rev 0; 8/11
MAX15050EVKIT MAXIM-MAX15050EVKIT Datasheet
676Kb / 6P
Operates from 2.9V to 5.5V Input Supply
Rev 0; 5/10
MAX17502FTEVKIT MAXIM-MAX17502FTEVKIT Datasheet
734Kb / 8P
Operates from a 7V to 60V Input Supply
Rev 2; 11/17
MAX17501HTEVKIT MAXIM-MAX17501HTEVKIT Datasheet
1Mb / 9P
Operates from a 4.5V to 60V Input Supply
Rev 0; 10/12
MAX17501GTEVKIT MAXIM-MAX17501GTEVKIT Datasheet
1Mb / 8P
Operates from a 14V to 60V Input Supply
Rev 0; 11/12
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com