Electronic Components Datasheet Search
  English  ▼

X  

VSIB640 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSIB640
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB640 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSIB640 Datasheet HTML 1Page - Vishay Siliconix VSIB640 Datasheet HTML 2Page - Vishay Siliconix VSIB640 Datasheet HTML 3Page - Vishay Siliconix VSIB640 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
VSIB620 thru VSIB680
Document Number 84656
20-Jul-05
Vishay General Semiconductor
www.vishay.com
1
Case Style GSIB-5S
~
~
~
~
New Product
Single-Phase Single In-Line Bridge Rectifiers
Major Ratings and Characteristics
IF(AV)
6 A
VRRM
200 V to 800 V
IFSM
180 A
IR
10 µA
VF
0.95 V
Tj max.
150 °C
Features
• UL Recognition file number E54214
• Thin Single In-Line package
• Glass passivated chip junction
• High surge current capability
• High case dielectric strength of 1500 VRMS
• Solder Dip 260 °C, 40 seconds
Typical Applications
General purpose use in ac-to-dc bridge full wave rec-
tification for Switching Power Supply, Home Appli-
ances, Office Equipment, Industrial Automation
applications
Mechanical Data
Case: GSIB-5S
Epoxy meets UL-94V-0 Flammability rating
Terminals: Matte tin plated (E3 Suffix) leads, solder-
able per J-STD-002B and JESD22-B102D
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7cm-kg (5 inches-lbs)
Maximum Ratings
Ratings at 25 °C ambient temperature unless otherwise specified.
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Parameter
Symbol
VSIB620
VSIB640
VSIB660
VSIB680
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified
TC = 100 °C
output current at
TA = 25 °C
IF(AV)
6.0(1)
2.8(2)
A
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
180
A
Rating for fusing (t < 8.3 ms)
I2t
120
A2sec
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
Parameter
Test condition
Symbol
VSIB620
VSIB640
VSIB660
VSIB680
Unit
Maximum instantaneous forward
voltage drop per leg
at 3.0 A
VF
0.95
V
Maximum DC reverse current at
rated DC blocking voltage per leg
TA = 25 °C
TA = 125 °C
IR
10
250
µA


Similar Part No. - VSIB640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB640 VISHAY-VSIB640 Datasheet
96Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB640 VISHAY-VSIB640 Datasheet
73Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
logo
Multicomp Pro
VSIB640 MULTICOMP-VSIB640 Datasheet
424Kb / 3P
Bridge Rectifier
27/01/20 V1.0
More results

Similar Description - VSIB640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com