Electronic Components Datasheet Search
  English  ▼

X  

VSIB660 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSIB660
Description  Single-Phase Single In-Line Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSIB660 Datasheet(HTML) 3 Page - Vishay Siliconix

  VSIB660 Datasheet HTML 1Page - Vishay Siliconix VSIB660 Datasheet HTML 2Page - Vishay Siliconix VSIB660 Datasheet HTML 3Page - Vishay Siliconix VSIB660 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VSIB620 thru VSIB680
Document Number 84656
20-Jul-05
Vishay General Semiconductor
www.vishay.com
3
Package outline dimensions in millimeters
Figure 5. Typical Junction Capacitance Per Leg
0.1
1
10
100
10
100
1,000
Reverse Voltage (V)
1
Figure 6. Typical Transient Thermal Impedance
0.01
0.1
1
10
100
0.1
1
10
100
t, Heating Time (sec.)
2.5 ± 0.2
2.2 ± 0.2
1 ± 0.1
10 ± 0.2
7.5
± 0.2
2.7 ±0.2
0.7 ± 0.1
4.6 ± 0.2
3.6 ± 0.2
+
7.5
± 0.2
30 ± 0.3
Case Style GSIB-5S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com