Electronic Components Datasheet Search
  English  ▼

X  

QPB0218 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPB0218
Description  2 ??18 GHz Wideband GaN SSPA
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPB0218 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPB0218 Datasheet HTML 1Page - Qorvo, Inc QPB0218 Datasheet HTML 2Page - Qorvo, Inc QPB0218 Datasheet HTML 3Page - Qorvo, Inc QPB0218 Datasheet HTML 4Page - Qorvo, Inc QPB0218 Datasheet HTML 5Page - Qorvo, Inc QPB0218 Datasheet HTML 6Page - Qorvo, Inc QPB0218 Datasheet HTML 7Page - Qorvo, Inc QPB0218 Datasheet HTML 8Page - Qorvo, Inc QPB0218 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPB0218
2 – 18 GHz Wideband GaN SSPA
Preliminary Data Sheet Rev. A, March 2021
- 2 of 11 -
www.qorvo.com
Absolute Maximum Ratings
Parameter
Value / Range
Prime Power (VDC)*
24 V
Drain Current (ID_DRIVE)
40
 A
RF Input Power, max.
45 dBm
Storage Temperature
−40 to +85 °C
Operation of this device outside the parameter ranges given
above may cause permanent damage. These are stress ratings
only, and functional operation of the device at these conditions is
not implied.
* Rating for thermal reliability
Recommended Operating Conditions
Parameter
Value / Range
Drain Voltage (VD)
20
 V
Quiescent Drain Current (IDQ)
27 A
Operating Drain Current (ID)
32 A
Operating Temperature**
−40 to +71 °C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
** Refers to outside clamp surface temperature
Electrical Specifications
Test conditions unless otherwise noted: VD = 20 V, IDQ = 27 A, TCLAMP = 25 °C, CW Operation
Parameter
Min
Typ
Max
Units
Frequency
2
18
GHz
Saturated POUT, CW (PIN = 39 dBm)
51.8
dBm
Power-Added Efficiency, CW (PIN = 39 dBm)
22.6
%
Power Gain, CW (PIN = 39 dBm)
12.8
dB
Small Signal Gain
≥ 17
dB
Input Return Loss
≥ 8
dB
Second Harmonic, CW (In band, PIN = 39 dBm)
≤ −17
dBc
Third Harmonic, CW (In band, PIN = 39 dBm)
≤ −11
dBc
Input RF Interface
SMA (F)
Output RF Interface
Type N (F)
Weight
– Amplifier Unit, Bias Card and Cable
18.2 (8.26)
lbs. (kg)
Dimensions
– Amplifier Unit (L) x (W) x (H)
3.4 x 3.4 x 11.1
inches
86.4 x 86.4 x 281.9
millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com