Electronic Components Datasheet Search
  English  ▼

X  

LS1043A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LS1043A
Description  The QorIQ LS1043A processor is NXP?셲 first quad-core, 64-bit ARM짰-based processor for embedded networking and industrial infrastructure.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1043A Datasheet(HTML) 1 Page - NXP Semiconductors

  LS1043A Datasheet HTML 1Page - NXP Semiconductors LS1043A Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QorIQ® LS1
Processor Family
QorIQ LS1043A Reference
Design Board
The QorIQ LS1043A processor is NXP’s first quad-core, 64-bit ARM®-based processor
for embedded networking and industrial infrastructure.
PROCESSOR OVERVIEW
Both the dual-core version (LS1023A) and quad-core version
(LS1043A) deliver greater than 10 Gbit/s of performance,
flexible I/O and support for fanless, small-form-factor designs
with BOM optimizations for economic low-layer PCB, lower
cost power supply and single clock design such as integrated
service branch routers, SDN and NFV edge platforms,
industry 4.0 gateways, industrial PLC and control and
security appliances.
The QorIQ LS1043A processor takes ARM processing
performance to the next level with up to four 64-bit cores
operating at 1.6 GHz and a large 1 MB L2 cache for the
best CPU performance per watt in a processor that runs on
voltage as low as five watts. This powerful CPU complex is
coupled with the proven offload engines of the QorIQ data
path acceleration architecture (DPAA) to deliver up to 10
Gbit/s performance and protocol processing with minimal
CPU overhead.
REFERENCE DESIGN BOARD
The QorIQ LS1043A reference design board (LS1043A-RDB)
and NXP software development kit (SDK) can help shorten
your time-to-market. The board, which exercises most
capabilities of the device, serves as a reference for your
hardware development. It can also be used as a debug tool
to check behaviors on the board compared to behaviors
seen on prototype boards.
The LS1043A-RDB supports one PCI Express® slot, one
mini-PCI Express connector, an SD/MMC connector
interface and three USB 3.0 receptacles. These components,
integrated with the QorIQ LS1043A processor, provide an
applicationspecific platform that can help you get a jump
start on your next design. The LS1043A-RDB also supports 2
GB of DDR4 at 1600 MHz, 128 MB of NOR flash and 512 MB
NAND flash.
In addition, the LS1043A-RDB is loaded with the Embedded
Linux® software development kit (SDK) for QorIQ processors
v1.8. The SDK includes a 64-bit SMP Linux kernel, user
space DPAA for high-performance packet handling, U-boot,
the GCC tool chain and virtualization support and many
other features.


Similar Part No. - LS1043A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LS1043A NXP-LS1043A Datasheet
4Mb / 2P
QorIQ LS1043A Reference Design Board
More results

Similar Description - LS1043A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM1255 BOARDCOM-BCM1255 Datasheet
122Kb / 2P
DUAL-CORE 64-BIT MIPS PROCESSOR
logo
Freescale Semiconductor...
MSC8122 FREESCALE-MSC8122 Datasheet
2Mb / 88P
Quad Core 16-Bit Digital Signal Processor
MSC8102 FREESCALE-MSC8102 Datasheet
1Mb / 80P
Quad Core 16-Bit Digital Signal Processor
logo
Analog Devices
ADSP-BF608BBCZ-5 AD-ADSP-BF608BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
ADSP-BF607BBCZ-5 AD-ADSP-BF607BBCZ-5 Datasheet
3Mb / 112P
Blackfin Dual Core Embedded Processor
REV. 0
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
The RFPO45 is from the world?셲 smallest and first
logo
NXP Semiconductors
LS1012ARDBFS NXP-LS1012ARDBFS Datasheet
282Kb / 2P
QorIQ LS Processor Family
2014
LS1048A NXP-LS1048A Datasheet
155Kb / 2P
QorIQ LS1 Processor Family
logo
Advantech Co., Ltd.
PWS-472 ADVANTECH-PWS-472 Datasheet
1Mb / 4P
5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
logo
NXP Semiconductors
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com