| Electronic Components Datasheet Search |
|
QPA4263CSQ Datasheet(PDF) 2 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
QPA4263CSQ Datasheet(HTML) 2 Page - Qorvo, Inc |
|
2 / 7 page ![]() QPA4263C 50 – 4000 MHz Cascadable SiGe Amplifier Data Sheet August 22, 2017 | Subject to change without notice 2 of 7 www.qorvo.com ® Recommended Operating Conditions Parameter Min Typ Max Units Operating Temperature −40 +105 °C Junction Temperature (TJ) +125 °C Device Operating Voltage +3.0 V Electrical specifications are measured at specified test conditions. Specifications are not guaranteed over all recommended operating conditions. Absolute Maximum Ratings Parameter Rating Storage Temp −55 to +150 °C Device Voltage (VD) +4 V Device Current (ID) 110 mA RF Input Power +12 dBm Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Electrical Specifications Parameter Conditions Min Typ Max Units Small Signal Gain 850 MHz 14.1 dB 1950 MHz 14 dB 2400 MHz 13.7 dB Output Power at 1dB Compression 850 MHz 14.6 dBm 1950 MHz 14.2 dBm 2400 MHz 14.2 dBm Output Third Intercept Point 500 MHz(2) +31.5 dBm 850 MHz(2) +31.4 dBm 1950 MHz(1) +27.7 dBm 2400 MHz(2) +27.8 dBm Input Return Loss 850 MHz -29 dB 1950 MHz -30 dB 2400 MHz -37 dB Output Return Loss 850 MHz -19 dB 1950 MHz -18 dB 2400 MHz -15.6 dB Reverse Isolation 850 MHz -18.6 dB 1950 MHz -19.5 dB 2400 MHz -19.7 dB Noise Figure 850 MHz 3.6 dB 1950 MHz 3.8 dB 2400 MHz 4.1 dB Device Operating Current 55 mA Thermal Resistance, θjc 96 °C/W Notes: 1. Test conditions unless otherwise noted: VD = +3.0 V, ID = 55 mA Typ., OIP3 Tone Spacing=1 MHz, POUT per tone = 0 dBm, 50 Ω system, Temp = +25 °C 2. Test conditions unless otherwise noted: VD = +3.0 V, ID = 55 mA Typ., OIP3 Tone Spacing=1 MHz, POUT per tone = -6 dBm, 50 Ω system, Temp = +25 °C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |