Electronic Components Datasheet Search
  English  ▼

X  

MPC7410 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 4 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors MPC7410 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnNE Series, Rev. 2
4
Freescale Semiconductor
Part Numbers Addressed by this Specification
Table E provides the ordering information for the MPC7410TxxnnnNE series.
Table D. Power Consumption for MPC7410
Processor (CPU)
Frequency
Processor (CPU)
Frequency
Unit
Notes
400 MHz
450 MHz
Full-On Mode
Typical
Maximum
2.92
3.29
W
1, 3
6.6
7.43
W
1, 2,
Doze Mode
Maximum
3.6
4.1
W
1, 2
Nap Mode
Maximum
1.35
1.5
W
1, 2
Sleep Mode
Maximum
1.3
1.45
W
1, 2
Sleep Mode—PLL and DLL Disabled
Typical
0.6
0.6
W
1, 3
Maximum
1.1
1.1
W
1, 2
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values do not include I/O Supply Power
(OVdd and L2OVdd) or PLL/DLL supply power (AVdd and L2AVdd). OVdd and L2OVdd power is system
dependent, but is typically <10% of Vdd power. Worst case power consumption for AVdd = 15 mw and L2AVdd
= 15 mW.
2. Maximum power is measured at 105 •C and Vdd = 1.5V while running an entirely cache-resident, contrived
C and Vdd = 1.5V while running an entirely cache-resident, contrived
sequence of instructions which keep the execution units, including AltiVec, maximally busy.
3. Typical power is an average value measured at 65 •C and Vdd = 1.5V in a system while running typical
C and Vdd = 1.5V in a system while running typical
benchmarks.
Table E. Part Marking Nomenclature
MPC
7410
x
xx
nnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency 1
Application
Modifier
Revision Level
MPC
7410
T: –40
° to 105°C
RX = CBGA
400
450
N: 1.5 V ±50 mV
E: 1.4; PVR = 800C 1104
HX = HCTE_CBGA
450
Note:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other specifications
may support other maximum core frequencies.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com