Electronic Components Datasheet Search
  English  ▼

X  

MPC7410 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MPC7410
Description  MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410 Datasheet(HTML) 3 Page - NXP Semiconductors

  MPC7410 Datasheet HTML 1Page - NXP Semiconductors MPC7410 Datasheet HTML 2Page - NXP Semiconductors MPC7410 Datasheet HTML 3Page - NXP Semiconductors MPC7410 Datasheet HTML 4Page - NXP Semiconductors MPC7410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPC7410 RISC Microprocessor Hardware Specifications Addendum for the MPC7410TxxnnnLE Series, Rev. 1
Freescale Semiconductor
3
Part Numbers Addressed by this Specification
Table C provides the ordering information for the MPC7410TxxnnnLE series.
Part Marking
Parts are marked as the example shown in Figure A.
Figure A. Part Marking for BGA Device
Table C. Part Marking Nomenclature
MPC
7410
T
xx
nnn
LE
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency 1
Application
Modifier
Revision Level
MPC
7410
T: –40 to 105
°C HX = HCTE_CBGA
400
450
500
L: 1.8 V ±100 mV E: 1.4; PVR = 800C 1104
MC
VU = HCTE_CBGA
(Lead Free C5
Solder Spheres)
400
Note:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other specifications
may support other maximum core frequencies.
BGA
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
MPC7410
THXnnnLE
MMMMMM
ATWLYYWWA
7410
nnn is the speed grade of the part.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com