Electronic Components Datasheet Search
  English  ▼

X  

MAX4645 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4645
Description  Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4645 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4645 Datasheet HTML 2Page - Maxim Integrated Products MAX4645 Datasheet HTML 3Page - Maxim Integrated Products MAX4645 Datasheet HTML 4Page - Maxim Integrated Products MAX4645 Datasheet HTML 5Page - Maxim Integrated Products MAX4645 Datasheet HTML 6Page - Maxim Integrated Products MAX4645 Datasheet HTML 7Page - Maxim Integrated Products MAX4645 Datasheet HTML 8Page - Maxim Integrated Products MAX4645 Datasheet HTML 9Page - Maxim Integrated Products MAX4645 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Fast, Low-Voltage, 2.5
Ω, SPST,
CMOS Analog Switches
6
_______________________________________________________________________________________
Detailed Description
The MAX4645/MAX4646 are low 2.5
Ω max on-resis-
tance (at V+ = 5V), low-voltage analog switches that
operate from a +1.8V to +5.5V single supply. CMOS
switch construction allows processing analog signals
that are within the supply voltage range (GND to V+).
Applications Information
Proper power-supply sequencing is recommended for
all CMOS devices. Do not exceed the absolute maxi-
mum ratings because stresses beyond the listed rat-
ings can cause permanent damage to the devices.
Always sequence V+ on first, followed by the logic
inputs, NO, or COM. If power-supply sequencing is not
possible, add two small signal diodes (D1, D2) in series
with the supply pins for overvoltage protection (Figure
1). Adding these diodes reduces the analog signal by
one diode drop below V+ and one diode drop above
GND, but does not affect the low switch resistance and
low leakage characteristics of the device. Device oper-
ation is unchanged, and the difference between V+ and
GND should not exceed 6V.
Although it is not required, power-supply bypassing
improves noise margin and prevents switching noise
from propagating from the V+ supply to other compo-
nents. A 0.1µF capacitor, connected from V+ to GND,
is adequate for most applications.
Pin Description
POSITIVE SUPPLY
COM
NO
GND
Vg
V+
MAX4645
MAX4646
D2
D1
Figure 1. Overvoltage Protection Using Two External Blocking
Diodes
V+
COM
NO
NC
GND
IN
N.C.
5
6
SOT23-6
2
—
3
4
1
4
µMAX
1
—
8
7
6
2, 3, 5
—
5
SOT23-5
—
2
3
4
1
2, 3, 5
4
µMAX
8
—
7
6
1
—
5
6
SOT23-5
SOT23-6
Positive Supply Voltage
1
Analog Switch Common Terminal
2
—
Analog Switch Normally Open Terminal
—
2
Analog Switch Normally Closed Terminal
3
3
Ground
4
4
Logic Control Input
1
5
No Connection. Not internally connected.
MAX4646
MAX4645
NAME
PIN
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com