Electronic Components Datasheet Search
  English  ▼

X  

567005 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 567005
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

567005 Datasheet(HTML) 1 Page - Festo Corporation.

  567005 Datasheet HTML 1Page - Festo Corporation. 567005 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Air solenoid valve
VSVA-B-B52-ZD-D2-1R5L
Part number: 567005
Data sheet
Feature
Value
Valve function
5/2, bistable
Actuation type
Electrical
Width
52 mm
Standard nominal flow rate
2800 l/min
Pneumatic working port
Sub-base, size 2 as per ISO 5599-1
G3/8
Operating voltage
24V DC
Operating pressure
-0.09 MPa ... 1.6 MPa
Operating pressure
-0.9 bar ... 16 bar
Design
Piston gate valve
Certification
C-Tick
c CSA us (OL)
c UL us - Recognized (OL)
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
Degree of protection
IP65
NEMA 4
Nominal width
15 mm
Width dimension
59 mm
Type code
VSVA
Exhaust air function
With flow control option
Via throttle plate
Via individual sub-base
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 5599-1
Manual override
Detenting
Non-detenting
Type of control
Pilot-controlled
Pilot air supply port
External
Flow direction
Any
Symbol
00991062
Lap
Overlap
Signal status display
LED
Pilot pressure MPa
0.3 MPa ... 1 MPa
Pilot pressure
3 bar ... 10 bar
Flow rate of pneumatic valve
4000 l/min
Flow rate of pneumatic valve on individual sub-base
2400 l/min
8/19/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 567005

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
567000 FESTO-567000 Datasheet
102Kb / 2P
Air solenoid valve
567001 FESTO-567001 Datasheet
101Kb / 2P
Air solenoid valve
567002 FESTO-567002 Datasheet
101Kb / 2P
Air solenoid valve
567003 FESTO-567003 Datasheet
108Kb / 2P
Air solenoid valve
567004 FESTO-567004 Datasheet
106Kb / 2P
Air solenoid valve
More results

Similar Description - 567005

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VUVG-B10-B52-ZT-F-1R8L FESTO-VUVG-B10-B52-ZT-F-1R8L Datasheet
96Kb / 2P
Air solenoid valve
VUVG-B10-M52-RZT-F-1R8L FESTO-VUVG-B10-M52-RZT-F-1R8L Datasheet
95Kb / 2P
Air solenoid valve
VUVG-B10-T32C-MZT-F-1R8L FESTO-VUVG-B10-T32C-MZT-F-1R8L Datasheet
101Kb / 2P
Air solenoid valve
VUVG-B10-T32H-AZT-F-1R8L FESTO-VUVG-B10-T32H-AZT-F-1R8L Datasheet
100Kb / 2P
Air solenoid valve
VUVG-BK10-B52-T-F-1H2L-S FESTO-VUVG-BK10-B52-T-F-1H2L-S Datasheet
95Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-G18-F7 FESTO-VUVS-LT20-M32C-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32C-MD-N18-F7 FESTO-VUVS-LT20-M32C-MD-N18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M32U-MD-G18-F7 FESTO-VUVS-LT20-M32U-MD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
VUVS-LT20-M52-MZD-G18-F7 FESTO-VUVS-LT20-M52-MZD-G18-F7 Datasheet
103Kb / 2P
Air solenoid valve
MN1H-2-1-MS-NPT FESTO-MN1H-2-1-MS-NPT Datasheet
91Kb / 1P
Air solenoid valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com