Electronic Components Datasheet Search
  English  ▼

X  

PD70211 Datasheet(PDF) 26 Page - Microchip Technology

Part # PD70211
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70211 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PD70211 Datasheet HTML 22Page - Microchip Technology PD70211 Datasheet HTML 23Page - Microchip Technology PD70211 Datasheet HTML 24Page - Microchip Technology PD70211 Datasheet HTML 25Page - Microchip Technology PD70211 Datasheet HTML 26Page - Microchip Technology PD70211 Datasheet HTML 27Page - Microchip Technology PD70211 Datasheet HTML 28Page - Microchip Technology PD70211 Datasheet HTML 29Page - Microchip Technology PD70211 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Figure 5-1. Equivalent Diagrams for UVLO and Hysteresis
5.6
Setting the Voltage Divider for Output Rails
Generically, the equation is stated as:
Where, RUP is the name given to the upper resistor (connected to output rail) and RLOW is the name given to the
resistor connected to lower rail (usually IC ground). However, with so many topologies, in effect the following three
cases in all the typical schematics presented so far are present.
• Non-isolated topologies with simple divider connected directly to FB pin. For this, VX = 1.2V is used.
• Isolated topologies with divider to another reference (such as TL431 with an internal reference of 2.5V). For this,
VX = 2.5V is used.
• Non-isolated topologies with a differential divider connected to differential voltage amplifier of the LX7309. The
same preceeding divider equation is used, but with VX = 0.171V (that is, 1.2V divided by the gain of the
differential amplifier 7). Two identical dividers are required.
5.7
Selecting the Sense Resistor
In a Buck topology, the center of the switch current ramp equals the output current. To that, about 30% for the “IPEAK
+” peak current must be added because of the rising ramp caused by the inductor. That is a factor of 1.3. Some
headroom for proper transient response at maximum load must also be included. As the peak voltage on the sense
resistor is 0.2V, to leave headroom, it must be planned in such a way that the switch current peak stays at around
0.18V at the most, at maximum load. This means the following:
An adjust resistor must be placed in parallel (for example, the 22Ω placeholder).
For a Forward converter (Buck with a transformer), instead of the IOR load current as shown in the preceeding
equation, the reflected load current of IO/n can be used, where n is the turns ratio (number of primary-side turns
divided by number of secondary-side turns). The sense resistance must also be lowered further (by means of the
adjust resistor), to account for the magnetization current component on the switch side.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com