Electronic Components Datasheet Search
  English  ▼

X  

PD70210 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD70210
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 3Page - Microchip Technology PD70210 Datasheet HTML 4Page - Microchip Technology PD70210 Datasheet HTML 5Page - Microchip Technology PD70210 Datasheet HTML 6Page - Microchip Technology PD70210 Datasheet HTML 7Page - Microchip Technology PD70210 Datasheet HTML 8Page - Microchip Technology PD70210 Datasheet HTML 9Page - Microchip Technology PD70210 Datasheet HTML 10Page - Microchip Technology PD70210 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
2.
Electrical Specifications
The following sections describe the electrical specifications of the PD70211 device.
2.1
Absolute Maximum Ratings
Performance is not necessarily guaranteed over this entire range. These are maximum stress ratings only. Exceeding
these ratings, even momentarily, can cause immediate damage or negatively impact long-term operating reliability.
Voltages are with respect to IC ground (VPN_IN).
Table 2-1. Absolute Maximum Ratings
Parameter
Min
Max
Units
VPP, VPN_OUT, RDET
–0.3
74
V
AT_FLAG, HD_FLAG, 4P_AT_FLAG, 4P_HD_FLAG
–0.3
20
V
SUPP_S1, SUPP_S2
0
VVPP + 1.5
V
RREF, RCLS, WA_EN
–0.3
5
V
VAUX_VCC
–0.3
20
V
PG, SG
–0.3
20
V
VL
–0.3
6
V
VH (with respect to VAUX_VCC)
0.3
–6
V
ENABLE
All other pins
–0.3
VL + 0.3
V
Junction temperature
–40
150
°C
Lead soldering temperature (40 s, reflow)
—
260
°C
Storage temperature, MSL3
–65
150
°C
ESD rating
HBM
—
±1.51
kV
MM
—
±50
V
CDM
—
±500
V
Note: 
1.
The VPP, VAUX/VCC, and RREF pins pass ±1 kV HBM only.
PD70211
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com