Electronic Components Datasheet Search
  English  ▼

X  

MLX90111 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MLX90111
Description  128bit Read Write Transponder
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MLX90111 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MLX90111 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90111 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MLX90111
128bit Read Write Transponder
MLX90111 128bit Read Write Transponder
Page 9 of 12
Rev 1.12 5-Feb-01
Data send to transponder as number of bit periods
Asynchron
Tsetup
ACP
TWD
TWD
Synchron
SB
CMF
ADDR PAR
DATA
CRC
PROG/READ
SB
Bit periods
>5
3*Tas
+ 6bit
20
1
3
4
1
16
8
32
20
1
Transponder mode / operations
Normal read Enter program mode:
-
Stop modulation
-
Synchronize on Start bit
Read (32-bit) command
Verify command
+ Write / Read
EEPROM data
Resynchronize
on Start bit
MLX90111 Timing Specifications in ms for a Carrier Freq = 125kHz, Tclk=8µµs
Speed
Bit Period
Tas
TWD
PROG/READ
Min (2 bit)
Max (3 bit)
20 bit
32 bit
Tclk*128
Tclk*192
Tclk*1280
Tclk*2048
Freq/64 (2kbaud)
Tclk*64 = 0.512
1.024
1.536
10.24
16.384
Freq/32 (4kbaud)
Tclk*32 = 0.256
0.55
0.7
5.12
8.192
Tas
6bit
Twd
0 - 0 0 1- ...
SB-CMF1- ...
Tas
FLOW
FHIGH
Tsetup
ACP pattern
Tas
Biphase: 1 1 1 0 0 1 1 1 0 1 1 - - - -
FLOW
FTHRESHOLD
FHIGH
1. Modulation on Reader Antenna
2. Modulation on Tag Antenna
3. 1+2 Superposed on Tag Antenna
-
X: samples taken by transponder
-
Dark shaded: reader coil modulation ON
-
Light shaded: reader coil modulation OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com