Electronic Components Datasheet Search
  English  ▼

X  

MAX17103 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17103
Description  1.2MHz Step-Up Switching Frequency
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17103 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17103 Datasheet HTML 1Page - Maxim Integrated Products MAX17103 Datasheet HTML 2Page - Maxim Integrated Products MAX17103 Datasheet HTML 3Page - Maxim Integrated Products MAX17103 Datasheet HTML 4Page - Maxim Integrated Products MAX17103 Datasheet HTML 5Page - Maxim Integrated Products MAX17103 Datasheet HTML 6Page - Maxim Integrated Products MAX17103 Datasheet HTML 7Page - Maxim Integrated Products MAX17103 Datasheet HTML 8Page - Maxim Integrated Products MAX17103 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Note that changing the VMAIN voltage setting changes
the GHON and VGL charge-pump output voltages. The
voltage range of VGL is limited to -15V. The voltage
range of GHON is limited to +35V. The voltage differ-
ence between GHON and VGL should not exceed +40V.
If VMAIN is set for more than +11V, disconnect the posi-
tive and negative charge pump with the negative linear
regulator controller by cutting the R29 and R28 traces.
Apply power to GHON and VGL by connecting external
power supplies to their respective pads.
Op-Amp Output Voltage (VOUT)
The MAX17103 EV kit’s op amp is configured internally
as a unity gain buffer. The voltage at the noninverting
input (POS) is set to half of VMAIN by voltage-divider
resistors R4 and R5. To set VOUT to other voltages (up
to VMAIN), select different divider resistors according
to the following equation:
R
VMAIN
VOUT
45
1
=×
−
⎛
⎝⎜
⎞
⎠⎟
R
MAX17103 Evaluation Kit
4
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com