Electronic Components Datasheet Search
  English  ▼

X  

MAX17102 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17102
Description  Resistor-Adjustable Switching Regulator and Op-Amp Output Range
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17102 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17102 Datasheet HTML 1Page - Maxim Integrated Products MAX17102 Datasheet HTML 2Page - Maxim Integrated Products MAX17102 Datasheet HTML 3Page - Maxim Integrated Products MAX17102 Datasheet HTML 4Page - Maxim Integrated Products MAX17102 Datasheet HTML 5Page - Maxim Integrated Products MAX17102 Datasheet HTML 6Page - Maxim Integrated Products MAX17102 Datasheet HTML 7Page - Maxim Integrated Products MAX17102 Datasheet HTML 8Page - Maxim Integrated Products MAX17102 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Quick Start
Recommended Equipment
• MAX17102 EV kit
• +5V power supply
• Voltmeter
• User-supplied Windows 2000/XP or Windows Vista
PC with a spare USB port
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Hardware Procedure
The MAX17102 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on power until all connections
are completed.
1) Verify that all jumpers are configured as listed in the
following table.
2) Verify that switch SW1 is configured with all switches
in the off position (all actuators in the down position,
toward the bottom of the board).
3) Connect the +5V power supply to the VIN and
PGND pads.
4) Enable the power supply and verify that VMAIN is +16V.
5) Verify that VN is approximately -10V.
6) Verify that VP is approximately +30V.
7) Verify that VCOM is +7.2V.
8) Verify that the output of the high-voltage level-shift-
ing buffers is approximately +30V.
Software Procedure
1) Visit www.maxim-ic.com/evkitsoftware to down-
load the latest version of the MAX17102 EV kit soft-
ware, 17102Rxx.ZIP. Save the EV kit software to a
temporary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the INSTALL.EXE program inside the temporary
folder. The program files are copied and icons are
created in the Windows Start | Programs menu.
3) Connect the USB cable from the PC to the EV kit
board. A Building Driver Database window pops
up in addition to a New Hardware Found message
when installing the USB driver for the first time. If a
window is not seen that is similar to the one
described above after 30s, remove the USB cable
from the board and reconnect it. Administrator privi-
leges are required to install the USB device driver
on Windows 2000/XP and Windows Vista.
MAX17102 Evaluation Kit
4
_______________________________________________________________________________________
MAX17102 EV Kit Files
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX17102.EXE
Application program
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
USB_Driver_Help.PDF
USB driver installation help file
Component Suppliers
SUPPLIER
PHONE
WEBSITE
Diodes, Inc.
805-446-4800
www.diodes.com
Fairchild Semiconductor
888-522-5372
www.fairchildsemi.com
KEMET Corp.
864-963-6300
www.kemet.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
Sumida Corp.
847-545-6700
www.sumida.com
Taiyo Yuden
800-348-2496
www.t-yuden.com
TDK Corp.
847-803-6100
www.component.tdk.com
Toshiba America Electronic Components, Inc.
949-623-2900
www.toshiba.com/taec
Zetex Semiconductors
631-543-7100
www.zetex.com
Note: Indicate that you are using the MAX17102 when contacting these component suppliers.
JUMPER
DEFAULT POSITION
JU1, JU3, JU4
1-2
JU2
Installed
JU5–JU11
2-3
JU12, JU13, JU16–JU23
Not installed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com