Electronic Components Datasheet Search
  English  ▼

X  

PS4052 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PS4052
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4052 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PS4052 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4052 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Features
• Low On-resistance: 60Ω typ, with ±5V Supplies,
Minimizes Distortion
• On-Resistance Matching between channels better than 6Ω
• Guaranteed Low Leakage Currents: <0.1nA at +25oC
• Rail-to-Rail Analog Signal Range
• Low Distortion: <0.04% (600Ω)
• Low Crosstalk: –90dB @100kHz
• TTL/CMOS Compatible (with +5V or ±5V Supplies)
• Low Power Consumption.
• 16-pin Narrow SOIC and QSOP Packages save board area
• Pin-compatible upgrades for 74HC4051/4052/4053
Applications
• Audio and Video Switching and Routing
• Lab and Medical Instrumentation
• Low-Voltage Data-Acquisition and Process
Control Systems
• Battery-Powered Communication Systems
Description
The PS4051/PS4052/PS4053 are precision low-voltage CMOS
analog multiplexers/switches.
The PS4051 is an eight-channel single-ended mux designed to
select one of eight inputs to a common output. What input is
selected depends on the status of three address bits (ADDA-ADDC).
The PS4052 is a differential four-channel mux, controlled by two
address bits: ADDA, and ADDB. The PS4053 is a triple 2-to-1
mux (or triple SPDT, single-pole double-throw, switch).
The INH (inhibit) pin can be driven high, to open all switches
regardless of address bit status. All control inputs are TTL
compatible when V+ = +5V.
These devices are designed to operate with power supplies
from ±2.7V to ±8V. Single-supply operation is possible from
+2.7V to +16V.
When on, each switch conducts current equally well in either
direction and can handle rail-to-rail analog signals. In the
off -state each switch blocks voltages up to the power-supply rails.
Off-leakage current is guaranteed to be less than 0.1nA at +25oC,
and < 2.5nA at +85oC.
These devices are available in 16-pin DIP, Narrow SOIC, and QSOP
packages for operation over the –40oC to +85oC temperature range.
Functional Block Diagrams and Pin Configurations
Top Views
For free samples and the latest literature: www.pericom.com, or phone 1-800-435-2336
10
11
12
13
14
15
16
9
7
6
5
4
3
2
1
8
NO1
NO3
COM
NO7
INH
NO5
V-
GND
V+
NO2
NO4
NO0
ADDC
NO6
ADDB
ADDA
LOGIC
10
11
12
13
14
15
16
9
7
6
5
4
3
2
1
8
NO0B
NO1B
COMB
NO3B
INH
NO2B
V-
GND
V+
NO1A
NO2A
COMA
NO3A
NO0A
ADDB
ADDA
LOGIC
10
11
12
13
14
15
16
9
7
6
5
4
3
2
1
8
N0B
NCB
NOA
COMA
INH
NCA
V-
GND
V+
COMB
COMC
NOC
ADDC
NCC
ADDB
ADDA
LOGIC
PS4051
PS4052
PS4053


Similar Part No. - PS4052

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PS40 VISHAY-PS40 Datasheet
89Kb / 3P
Plate Capacitors with Contoured Rim - Class 2 Ceramic
14-Aug-02
PS40 VISHAY-PS40 Datasheet
96Kb / 3P
Plate Capacitors with Contoured Rim - Class 1 Ceramic
14-Aug-02
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS40-102G-NAM COPAL-PS40-102G-NAM Datasheet
90Kb / 4P
PRESSURE SWITCHES
PS40-102G-NAR COPAL-PS40-102G-NAR Datasheet
90Kb / 4P
PRESSURE SWITCHES
More results

Similar Description - PS4052

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
logo
Pericom Semiconductor C...
PS381 PERICOM-PS381 Datasheet
528Kb / 9P
Precision, 17V Analog Switches
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com