Electronic Components Datasheet Search
  English  ▼

X  

MAX17088 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17088
Description  35V to -25V High-Voltage Level-Shifting Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17088 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17088 Datasheet HTML 1Page - Maxim Integrated Products MAX17088 Datasheet HTML 2Page - Maxim Integrated Products MAX17088 Datasheet HTML 3Page - Maxim Integrated Products MAX17088 Datasheet HTML 4Page - Maxim Integrated Products MAX17088 Datasheet HTML 5Page - Maxim Integrated Products MAX17088 Datasheet HTML 6Page - Maxim Integrated Products MAX17088 Datasheet HTML 7Page - Maxim Integrated Products MAX17088 Datasheet HTML 8Page - Maxim Integrated Products MAX17088 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Detailed Description of Hardware
The MAX17088 EV kit contains a step-up switching reg-
ulator, positive two-stage charge pump, negative two-
stage charge pump, digitally adjustable VCOM calibra-
tion device with nonvolatile memory, SMBus-compati-
ble interface, high-speed operational amplifier (op
amp), and high-voltage level-shifting scan driver for
TFT-LCD applications. The EV kit operates from a sin-
gle DC power supply between +1.8V and +6V that pro-
vides at least 2A.
As configured, the step-up switching regulator (MAIN)
generates a +8V output and provides at least 200mA
from a +1.8V input. It also provides at least 300mA from
a +2.2V input and 600mA from a +4.5V input. The step-
up switching-regulator output voltage can be adjusted
up to +18V with different feedback resistors (see the
Output-Voltage Selection section).
The GON consists of two positive charge-pump stages
to generate approximately +21V and provides greater
than 20mA. The GOFF consists of two negative charge-
pump stages to generate approximately -13V and pro-
vides greater than 20mA. Loading GON and GOFF
reduces the available MAIN current proportionally.
The op-amp output (VCOM) is SMBus programmable
and is configured for an output-voltage range of +2.4V
to +4V. VCOM can source or sink peak current up to
150mA. The output-voltage range can be reconfigured
to other voltages with voltage-divider resistors R6 and
R7. Refer to the
Setting the VCOM Adjustment Range
section in the MAX17088 IC data sheet for more details.
The MAX17088 includes a 3-channel, high-voltage
level-shifting driver for driving row-driver functions on
the panel glass. CKV, CKVB, and STVP pads are the
outputs of the driver. The outputs swing between GON
and GOFF according to the input logic levels on the
STV, CPV, and OE pads and the IC’s internal logic.
Refer to the
High-Voltage Level-Shifting Scan Driver
section in the MAX17088 IC data sheet for more details.
Jumper Selection (JU1, JU2)
The MAX17088 EV kit incorporates jumper JU1 to
enable/disable the IC outputs and jumper JU2 to
enable/disable write protection. When write protection
is enabled, all SMBus commands are ignored by the
device. This prevents device detection and changing of
the VCOM calibrator settings. See Table 1 for jumper
JU1 functions and Table 2 for jumper JU2 functions.
MAX17088 Evaluation Kit/
Evaluation System
4
_______________________________________________________________________________________
Figure 1. MAX17088 EV Kit Software Main Window
Table 1. Jumper JU1 Functions
SHUNT
POSITION
SHDN PIN
EV KIT OUTPUTS
Installed*
SHDN connected to PIN
Outputs enabled
(MAIN = +8V)
Not installed
SHDN connected to GND
through R5
Outputs disabled
(MAIN
≈ PIN)
*
Default position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com