Electronic Components Datasheet Search
  English  ▼

X  

MAX17065 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17065
Description  1.2MHz PWM Switching Frequency (Selectable 600kHz, Component Change Required)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17065 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17065 Datasheet HTML 1Page - Maxim Integrated Products MAX17065 Datasheet HTML 2Page - Maxim Integrated Products MAX17065 Datasheet HTML 3Page - Maxim Integrated Products MAX17065 Datasheet HTML 4Page - Maxim Integrated Products MAX17065 Datasheet HTML 5Page - Maxim Integrated Products MAX17065 Datasheet HTML 6Page - Maxim Integrated Products MAX17065 Datasheet HTML 7Page - Maxim Integrated Products MAX17065 Datasheet HTML 8Page - Maxim Integrated Products MAX17065 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Detailed Description of Software
User-Interface Panel
The program’s main window (Figure 2) is navigated by
using a mouse or a combination of the Tab and Arrow
keys. The MAX17065 EV kit software provides controls
for the following software-configurable features:
Frequency and Mode selection, ON Enables, Outputs
configuration, Faults detection, Current Limit settings,
and Manufacturer ID/Silicon Revision detection.
Changes to the controls result in a write operation that
updates the appropriate registers of the MAX17065.
A status bar is also provided at the bottom of the pro-
gram’s main window and is used to verify command
module and device connectivity. A Device Search
option is located in the Action menu bar should the user
want to switch from Demo Mode to normal operation.
Frequency Selection
The MAX17065 can be operated at either 0.6MHz or
1.2MHz. To set the desired frequency, select the
appropriate radio button in the Frequency group box.
The default frequency setting is 0.6MHz, but the EV kit
is designed for 1.2MHz. Component changes are
required when selecting different frequencies. Refer to
the MAX17065 IC data sheet for more information
regarding frequency selection.
Operating Mode
The MAX17065 can be operated in either Skip Mode or
Forced PWM. To set the desired operating mode,
select the appropriate radio button in the Mode group
box. The default operating mode is Forced PWM. Refer
to the MAX17065 IC data sheet for more information
regarding modes of operation.
ON Enables and Test
The ON2 and ON1 bits enable/disable the various out-
puts of the MAX17065, according to Table 1. To set
either bit high, check the respective ON_ checkbox in
the ON Enables group box.
Setting TEST1 and TEST0 checkboxes prevents the
VL, VH, VP, and VN outputs. In this mode, the output
can be driven by external voltage sources. Setting
either TEST_ bit to 1 in the Test group box disables the
discharge function. Refer to the MAX17065 IC data
sheet for more information regarding the test bits.
Fault Detection
The MAX17065’s Faults read-only register monitors the
OLED controller’s operating state, output, and thermal
faults. When a fault is detected, the corresponding bit is
changed from logic 0 to logic 1 and the font color is
changed to red. Refer to the MAX17065 IC data sheet
for more information regarding the Faults register.
Outputs
The MAX17065 allows for software control of the
charge-pump and negative SMPS outputs. Select the
appropriate voltages from the VL:, VH:, and VN: drop-
down lists to set the desired voltages. The default set-
tings are VL: -0.5V, VH: +5.5V, and VN: -0.5V.
Current Limit
The MAX17065 software allows the user to set cur-
rent limits for the negative and positive switching
power supplies. To set the current limits, select the
desired current limit from the IMAXN: and IMAXP:
drop-down lists in the Current Limit group box. The
default current-limit settings are IMAXN: 0.45A and
IMAXP: 0.45A.
Manufacturer ID/Silicon
Revision Detection
The ID Register group box shows the manufacturer ID
and silicon revision information of the MAX17065 IC.
This information is read upon initial start-up.
MAX17065 Evaluation Kit
4
_______________________________________________________________________________________
Figure 2. MAX17065 EV Kit Software Main Window
Table 1. ON2 and ON1 Control
ON2
ON1
VA OUTPUT
VH, VL
OUTPUTS
VP, VN
OUTPUTS
0
0
Off
Off
Off
0
1
On
On
Off
1
0
On
On
On
1
1
On
On
On



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com