Electronic Components Datasheet Search
  English  ▼

X  

MAX17062 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17062
Description  1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17062 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17062 Datasheet HTML 1Page - Maxim Integrated Products MAX17062 Datasheet HTML 2Page - Maxim Integrated Products MAX17062 Datasheet HTML 3Page - Maxim Integrated Products MAX17062 Datasheet HTML 4Page - Maxim Integrated Products MAX17062 Datasheet HTML 5Page - Maxim Integrated Products MAX17062 Datasheet HTML 6Page - Maxim Integrated Products MAX17062 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX17062 evaluation kit (EV kit) is a fully assem-
bled and tested surface-mount PCB that provides the
voltages required for active-matrix, thin-film transistor
(TFT), liquid-crystal displays (LCDs). The EV kit con-
tains a pulse-width-modulated (PWM) step-up switch-
ing regulator, a positive single-stage charge pump for
the TFT gate-on supply, and a negative single-stage
charge pump for the TFT gate-off supply.
The EV kit operates from a DC supply voltage of +4.5V
to +5.5V and is configured to operate with a switching
frequency of 1.2MHz. The step-up switching regulator
is configured for a +15V output and can provide 600mA
with a +4.5V input. The positive charge pump is config-
ured for a +29V output providing 30mA. The negative
charge pump is configured for a -15V output providing
30mA.
The MAX17062 EV kit features low-quiescent current
and high-conversion efficiency (90%). The high switch-
ing frequency allows the use of small, surface-mount
components.
Features
o 90% Efficiency
o +2.6V to +5.5V Input Range
o Output Voltage Adjustable from VIN to 20V
o Output Voltages (+4.5V to +5.5V Input)
+15V Output at 600mA
+29V Output at 30mA (Positive Charge Pump)
-15V Output at 30mA (Negative Charge Pump)
o 1.2MHz Switching Frequency (Selectable: 640kHz
or 1.2MHz)
o Programmable Soft-Start
o 0.01µA IC Shutdown Current (typ)
o Fully Assembled and Tested
MAX17062 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-2446; Rev 1; 6/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TYPE
MAX17062EVKIT+
EV Kit
+
Denotes lead-free and RoHS compliant.
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
4.7µF ±10%, 10V X5R ceramic
capacitors (0603)
TDK C1608X5R1A475K
C3
1
1µF ±10%, 6.3V X5R ceramic
capacitor (0603)
Murata GRM188R60J105K
TDK C1068X7R1C105K
C4
1
0.033µF ±10%, 25V X7R ceramic
capacitor (0603)
Murata GRM188R71E333K
TDK C1608X7R1H333K
C5
1
560pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H561J
TDK C1608C0G1H561J
C6, C13, C16,
C17
0
Not installed, ceramic capacitors
(0603)
DESIGNATION
QTY
DESCRIPTION
C7, C8
2
10µF ±10%, 25V X5R ceramic
capacitors (1210)
Murata GRM32DR61E106K
TDK C3225X5R1E106K
C9
0
Not installed, ceramic capacitor (1210)
C10
0
Not installed, aluminum electrolytic
capacitor (SMT: 6.3mm x 6mm)
C11, C15
2
0.22µF ±10%, 50V X7R ceramic
capacitors (0805)
Murata GRM21BR71H224K
TDK C2012X7R1H224K
C12, C14
2
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H104K
TDK C1608X7R1H104K
C18
0
Not installed, ceramic capacitor (0805)
D1
1
3A, 30V Schottky diode (M-Flat)
Toshiba CMS03 (TE12L-Q) LEAD FREE


Similar Part No. - MAX17062

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
MAX17062ETB+T MAXIM-MAX17062ETB+T Datasheet
250Kb / 14P
TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
More results

Similar Description - MAX17062

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1780 AIMTRON-AT1780 Datasheet
332Kb / 9P
640kHz/1.2MHz,Low-Noise Step-Up Current-Mode PWM Controller
logo
SamHop Microelectronics...
SM8237 SAMHOP-SM8237 Datasheet
336Kb / 14P
1.2MHz STEP-UP CONVERTER
logo
Leshan Radio Company
LR246 LRC-LR246 Datasheet
216Kb / 8P
OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
LR256 LRC-LR256 Datasheet
215Kb / 8P
Fast 1.2MHz Switching Frequency Requires Only 0.22uF Output Capacitor
logo
Shenzhen Huazhimei Semi...
HM1538B HMSEMI-HM1538B Datasheet
949Kb / 5P
1.2MHz, 30V BLAS Driver
logo
Maxim Integrated Produc...
MAX17103EVKIT MAXIM-MAX17103EVKIT Datasheet
235Kb / 9P
1.2MHz Step-Up Switching Frequency
Rev 0; 4/09
MAX17100EVKIT MAXIM-MAX17100EVKIT Datasheet
519Kb / 13P
1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17075EVKIT MAXIM-MAX17075EVKIT Datasheet
168Kb / 7P
1.2MHz Switching Frequency
Rev 0; 12/08
MAX17065EVKIT MAXIM-MAX17065EVKIT Datasheet
410Kb / 10P
1.2MHz PWM Switching Frequency (Selectable 600kHz, Component Change Required)
Rev 0; 10/08
MAX17014EVKIT MAXIM-MAX17014EVKIT Datasheet
212Kb / 11P
1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com