Electronic Components Datasheet Search
  English  ▼

X  

MAX17010 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17010
Description  Eight 30V to -10V High-Voltage Level-Shifting Buffers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17010 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17010 Datasheet HTML 1Page - Maxim Integrated Products MAX17010 Datasheet HTML 2Page - Maxim Integrated Products MAX17010 Datasheet HTML 3Page - Maxim Integrated Products MAX17010 Datasheet HTML 4Page - Maxim Integrated Products MAX17010 Datasheet HTML 5Page - Maxim Integrated Products MAX17010 Datasheet HTML 6Page - Maxim Integrated Products MAX17010 Datasheet HTML 7Page - Maxim Integrated Products MAX17010 Datasheet HTML 8Page - Maxim Integrated Products MAX17010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MAX17010 Evaluation Kit
4
_______________________________________________________________________________________
R3
34k
Ω
1%
R5
200k
Ω
1%
R6
200k
Ω
1%
C8
0.1
μF
C12
0.1
μF
C7
0.1
μF
C9
0.1
μF
D2
D3
C10
0.1
μF
D4
C11
0.1
μF
D1
GOFF
-7.5V AT 20mA
GON
23V AT 20mA
GND
GND
VGOFF
GON
R2
200k
Ω
1%
R18
SHORT
(PC TRACE)
SUP
VCOM
POS
38
39
LX LX
C20
OPEN
C5
220pF
R4
100k
Ω
1%
24
30
31
27
26
40
N.C. N.C. N.C. N.C. COMP
AGND
L1
3.6
μH
GND
PIN
1.8V TO 5.5V
PIN
R1
0
Ω
C6
0.1
μF
C1
10
μF
6.3V
C18
OPEN
C29
OPEN
37
IN
1
N.C.
2
PGND
3
PGND
4
FB
5
AGND
28
VL
32
SUP
34
NEG
35
VCOM
33
POS
29
BGND
6
GON1
8
A1
A1
9
A2
A2
10
A3
A3
11
A4
A4
20
A5
A5
21
A6
A6
22
A7
A7
23
A8
A8
12
Y1
Y1
BGND
BGND
13
Y2
Y2
14
Y3
Y3
15
Y4
Y4
16
Y5
Y5
17
Y6
Y6
18
Y7
Y7
19
Y8
Y8
GON
R16
SHORT
(PC TRACE)
C15
0.1
μF
7
GOFF
36
SHDN
VGOFF
R20
SHORT
(PC TRACE)
C14
0.1
μF
25
GON2
GON
R17
SHORT
(PC TRACE)
C13
0.1
μF
PIN
JU1
R7
100k
Ω
C3
0.22
μF
C19
OPEN
C4
0.1
μF
R19
SHORT
(PC TRACE)
GND
VMAIN
8.5V AT 300mA
C2
OPEN
C17
4.7
μF
16V
C16
4.7
μF
16V
MAX17010
U1
Figure 1a. MAX17010 EV Kit Schematic (Sheet 1 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com