Electronic Components Datasheet Search
  English  ▼

X  

PS4053 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PS4053
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4053 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PS4053 Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4053 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
PS8461
02/16/00
Test Circuits/Timing Diagrams
Figure 1. Transition Time
Figure 2. Switching Times
tr <20ns
tf <20ns
ttrans
VNO7
ON
ttrans
VOUT
VNO0
90%
90%
Logic
Input
Switch
Output
V+
0V
0V
50%
V+
V+
NO7
COM
GND
V-
V+
V-
V-
NO0
ADDC
ADDB
ADDA
INH
NO1-NO6
50
9
VOUT
300
9
35pF
PS4051
V+
V+
NO3
COM
GND
V-
V+
V-
V-
NO0
ADDB
ADDA
INH
NO1-NO2
50
9
VOUT
300
9
35pF
PS4052
V+
V+
COM
GND
V-
V-
V+
V-
NO
ADD
INH
NC
50
9
VOUT
300
9
35pF
PS4053
V+
V+
COM
GND
V-
V+
V-
NO0
ADDX
INH
NOX
50
9
VOUT
300
9
35pF
tr <20ns
tf <20ns
VOUT
tON
90%
10%
Logic
Input
Switch
Output
V+
0V
0V
50%
PS4051
PS4052
V+
+5V
COM
GND
V-
V+
V-
NO
NC
ADD
INH
50
9
VOUT
300
9
35pF
V-
PS4053
tOFF
tr <20ns
tf <20ns
VOUT
tON
90%
10%
Logic
Input
Switch
Output
V+
0V
0V
50%
tOFF
V-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com