Electronic Components Datasheet Search
  English  ▼

X  

MAX16992 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16992
Description  3V to 36V, 10A DC power supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16992 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16992 Datasheet HTML 1Page - Maxim Integrated Products MAX16992 Datasheet HTML 2Page - Maxim Integrated Products MAX16992 Datasheet HTML 3Page - Maxim Integrated Products MAX16992 Datasheet HTML 4Page - Maxim Integrated Products MAX16992 Datasheet HTML 5Page - Maxim Integrated Products MAX16992 Datasheet HTML 6Page - Maxim Integrated Products MAX16992 Datasheet HTML 7Page - Maxim Integrated Products MAX16992 Datasheet HTML 8Page - Maxim Integrated Products MAX16992 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX16990/MAX16992
MAX16990/MAX16992
Evaluation Kits
*EP = Exposed pad.
DESIGNATION
QTY
DESCRIPTION
AGND
1
Black test point
C1, C7
2
47µF ±10%, 16V X5R ceramic
capacitors (1210)
Murata GRM32ER61C476K
C2
1
0.068µF ±10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C683K
C3
1
150pF ±5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H151J
C4
1
47µF, 50V aluminum electrolytic
capacitor (SMD)
Panasonic EEE-1HA470XP
C5, C11
2
1µF ±10%, 50V X7R ceramic
capacitors (0805)
Murata GRM21BR71H105K
C6
1
2.2µF ±10%, 10V X7R ceramic
capacitor (0603)
Murata GRM188R71A225K
C8
1
1000pF ±10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H102K
C9, C10
0
Not installed, ceramic capacitors
(0603)
C12
1
0.1µF ±10%, 16V X7R ceramic
capacitor (0603)
Murata GRM188R71C104K
COMP
1
SMA female vertical-mount PCB
Johnson 142-0701-201
D1
1
40V, 5A Schottky diode (SMC)
ON Semi MBRS540T3G
D2
1
7.5A, 45V Schottky diode
(D2PAK)
ON Semi MBRB1545CTG
D4, D5
2
18V zener diodes (SOT523)
Diodes Inc. BZX84C18T-7-F
EN, FB,
FSET/SYNC,
PGOOD, PVL,
REFIN, SUP,
SYNCO
8
Red test points
DESIGNATION
QTY
DESCRIPTION
JU1, JU2
2
3-pin headers, 2.54mm
Sullins PEC36SAAN
JU3
1
2-pin header, 2.54mm
Sullins PEC36SAAN
L1
1
4.7µH, 6A inductor
(7mm x 6.9mm)
Würth 744311470
N1
1
60V, 10A n-channel MOSFET
(SO8)
Fairchild FDS5670
N2, N3
2
60V, 115mA, n-channel MOSFETs
(SOT23)
Fairchild 2N7002
P1
1
55V, 80A p-channel MOSFET
(D2PAK)
STMicroelectronics STB80PF55
R1
1
90.9kΩ±1%resistor(0603)
R2
1
13kΩ±1%resistor(0603)
R3
1
0.022Ω,0.5W±1%current-sense
resistor (1812)
Panasonic ERJ-L12KF22MU
R4
1
1kΩ±1%resistor(0603)
R5
1
6.81kΩ±1%resistor(0603)
R6
1
10kΩ±5%resistor(0603)
R7
1
68.1kΩ±1%resistor(0603)
R8, R11,
R14, R15
0
Not installed, resistors (0603)
R9, R12
2
0Ω±5%resistors(0603)
R10
1
4.7kΩ±5%resistor(0603)
R13
1
1kΩ±5%resistor(0603)
U1
0
Automotive current-mode boost
controller (12 TQFN-EP*)
Maxim MAX16990ATCE/V+
—
1
PCB: MAX16990 EVKIT
MAX16990 EV Kit
Component Lists



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com