Electronic Components Datasheet Search
  English  ▼

X  

MAX16974 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16974
Description  Fully Assembled and Tested
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16974 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16974 Datasheet HTML 1Page - Maxim Integrated Products MAX16974 Datasheet HTML 2Page - Maxim Integrated Products MAX16974 Datasheet HTML 3Page - Maxim Integrated Products MAX16974 Datasheet HTML 4Page - Maxim Integrated Products MAX16974 Datasheet HTML 5Page - Maxim Integrated Products MAX16974 Datasheet HTML 6Page - Maxim Integrated Products MAX16974 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
MAX16974 Evaluation Kit
General Description
The MAX16974 evaluation kit (EV kit) provides a proven
design to evaluate the MAX16974 high-voltage, 2.2MHz,
2A automotive step-down controller with low operating
current. It is designed to operate with 3.5V to 28V input
voltages, while using only 35µA quiescent current at no
load. The switching frequency is adjustable from 220kHz
to 2.2MHz and the output voltage is pin selectable at 5V
fixed or 1V to 10V adjustable. This EV kit is initially set up
to operate at 2.2MHz with a 5V output.
The EV kit PCB comes with a MAX16974AUE/V+ installed.
Features
S
Wide 3.5V to 28V DC Supply Range
S
42V Input Transient Tolerance
S
Proven PCB Layout
S
Fully Assembled and Tested
Ordering Information
Component List
+Denotes lead(Pb)-free and RoHS compliant.
19-5661; Rev 0; 12/10
*EP = Exposed pad.
/V denotes an automotive qualified part.
PART
TYPE
MAX16974EVKIT+
EV Kit
DESIGNATION
QTY
DESCRIPTION
CBST
1
0.1µF Q10%, 6.3V X5R ceramic
capacitor (0402)
TDK C1005X5R0J104K
CCOMP1
1
5600pF Q10%, 50V X7R ceramic
capacitor (0603)
Murata GRM188R71H562K
CCOMP2
0
Not installed, 120pF Q5%, 50V
C0G ceramic capacitor (0603)
Murata GRM1885C1H121J
CCRES
1
100pF Q5%, 50V C0G ceramic
capacitor (0603)
Murata GRM1885C1H101J
CFB1
0
Not installed, ceramic capacitor
(0603)
CIN1
1
47µF Q20%, 50V electrolytic
capacitor (D8)
Panasonic EEE-FK1H470XP
CIN2, CIN3
2
0.1µF Q10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H104K
CIN4, CIN5
2
4.7µF Q10%, 50V X7R ceramic
capacitors (1210)
Murata GRM32ER71H475K
COUT, COUT2
2
22µF Q20%, 10V X7R ceramic
capacitors (1210)
Murata GRM32ER71A226K
CSNUB
0
Not installed, 1000pF Q10%, 50V
X7R ceramic capacitor (0603)
Murata GRM188R71H102K
DESIGNATION
QTY
DESCRIPTION
CVL
1
2.2µF Q10%, 10V X7R ceramic
capacitor (0603)
Murata GRM188R71A225K
D1
1
3A, 60V Schottky diode
Diodes Inc. B360B
JU1
1
3-pin header
JU2, JU7
0
Not installed, 0I jumpers (0603)
JU3, JU6,
RTEST
3
0I Q5% resistors (0603)
L1
1
4.7µH Q20%, 2.8A, 20mI
inductor (7.0mm x 7.5mm)
Panasonic ETQP5M4R7YFM
LX
0
Not installed, multipurpose test
point
RCOMP
1
20kI Q1% resistor (0603)
RFB1, RFB2,
RFB3
0
Not installed, resistors (0603)
RFOSC
1
12.1kI Q1% resistor (0603)
RFSYNC
1
20kI Q5% resistor (0603)
RRESB
1
10kI Q5% resistor (0603)
RSNUB
0
Not installed, 3I Q5% resistor
(0603)
U1
1
High-voltage automotive step-
down converter (16 TSSOP-EP*)
Maxim MAX16974AUE/V+
—
1
Shunts
—
1
PCB: MAX16974 EVALUATION
KIT+


Similar Part No. - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16974 MAXIM-MAX16974 Datasheet
2Mb / 19P
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974 MAXIM-MAX16974 Datasheet
985Kb / 19P
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974AUE MAXIM-MAX16974AUE Datasheet
2Mb / 19P
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
MAX16974AUE/V+ MAXIM-MAX16974AUE/V+ Datasheet
985Kb / 19P
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
2016
MAX16974AUV MAXIM-MAX16974AUV Datasheet
2Mb / 19P
High-Voltage, 2.2MHz, 2A Automotive Step- Down Converter with Low Operating Current
Rev 1; 7/11
More results

Similar Description - MAX16974

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com