Electronic Components Datasheet Search
  English  ▼

X  

MAX16933 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16933
Description  fully assembled and tested application circuit for the MAX16932 highvoltage
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16933 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16933 Datasheet HTML 1Page - Maxim Integrated Products MAX16933 Datasheet HTML 2Page - Maxim Integrated Products MAX16933 Datasheet HTML 3Page - Maxim Integrated Products MAX16933 Datasheet HTML 4Page - Maxim Integrated Products MAX16933 Datasheet HTML 5Page - Maxim Integrated Products MAX16933 Datasheet HTML 6Page - Maxim Integrated Products MAX16933 Datasheet HTML 7Page - Maxim Integrated Products MAX16933 Datasheet HTML 8Page - Maxim Integrated Products MAX16933 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX16932, MAX16933
MAX16932 Evaluation Kit
Component List
DESIGNATION
QTY
DESCRIPTION
C1, C2, C3,
C75, C83
5
0.1µF ±10%, 50V X7R ceramic
capacitors (0603)
Murata GRM188R71H104K
C4, C5,
C100–C103,
C105–C108,
C111, C112,
C119, C120
0
Not installed, ceramic capacitors
(0603)
C76, C77,
C84, C85
4
47µF ±20%, 16V X7R ceramic
capacitor (2220)
TDK CGA9N3X7R1C476M
C78, C86
2
4700pF ±10%, 50V X7R ceramic
capacitors (0402)
Murata GRM155R71H472K
C79
1
22pF ±5%, 50V C0G ceramic
capacitor (0402)
Murata GRM1555C1H220J
C81
1
6.8µF ±10%, 16V X7R ceramic
capacitor (1206)
TDK C3216X7R1C685K
C82
1
2.2µF ±10%, 10V X7R ceramic
capacitor (0603)
Murata GRM188R71A225K
C87
1
33pF ±5% 50V C0G ceramic
capacitor (0402)
Murata GRM1555C1H330J
C88
1
47µF, 50V aluminum electrolytic
capacitor (E)
Panasonic EEE-FK1H470P
C90–C93, C97,
C116
6
4.7µF ±10%, 50V X7R ceramic
capacitors (1210)
Murata GCM32ER71H475KA55L
DESIGNATION
QTY
DESCRIPTION
C117, C118
0
Not installed, ceramic capacitors
(2220)
D20, D21
2
200mA, 30V diodes (SOT23)
Fairchild BAT54
D22, D23
2
3A, 60V Schottky diodes (SMB)
Diodes B360B-13-F
FSYNC
0
Not installed, test point
JU1, JU2, JU6
3
3-pin headers
JU7
1
4-pin header
JU8, JU9
2
2-pin headers
L7, L8
2
2.2µH, 12A power inductors
Vishay IHLP4040DZER2R2M01
PGOOD1,
PGOOD2
2
Test points
Q13–Q16
4
40V, 7.6A n-channel MOSFETs
(8 SO)
Fairchild FDS8449
R1, R2
2
1kΩ ±5% resistors (0603)
R113, R114,
R115, R117,
R118, R122,
R125, R126,
R127, R129,
R130, R134,
R162, R166
14
0Ω ±5% resistors (0603)
R116, R128
2
0.015Ω ±1%, 0.5W sense
resistors (1206)
Panasonic ERJ-8BWFR015V
IRC LRF1206LF-01-R015-F
R119, R120,
R121, R131,
R132, R133,
R146, R147,
R161, R165
0
Not installed, resistors (0603)
R123
1
22.1kΩ ±1% resistor (0603)
R124
1
1Ω ±5% resistor (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com