Electronic Components Datasheet Search
  English  ▼

X  

CP2103 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CP2103
Description  SINGLE-CHIP USB TO UART BRIDGE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CP2103 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CP2103 Datasheet HTML 9Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 10Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 11Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 12Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 13Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 14Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 15Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 16Page - List of Unclassifed Manufacturers CP2103 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CP2103
Preliminary Rev. 0.2
13
6. Asynchronous Serial Data Bus (UART) Interface
The CP2103 UART interface consists of the TX (transmit) and RX (receive) data signals as well as the RTS, CTS,
DSR, DTR, DCD, and RI control signals. The UART supports RTS/CTS, DSR/DTR, and X-On/X-Off handshaking.
The UART is programmable to support a variety of data formats and baud rates. The data format and baud rate
programmed into the UART is set during COM port configuration on the PC. The data formats and baud rates
available are listed in Table 7.
7. GPIO Pins
The CP2103 supports (4) user-configurable GPIO pins for status and control information. More information
regarding the configuration and usage of these pins can be found in “AN144: CP210x Customization Guide” and
“AN223: Port Configuration and GPIO for CP210x” available on the Silicon Laboratories website.
8. Internal EEPROM
The CP2103 includes an internal EEPROM that may be used to customize the USB Vendor ID, Product ID,
Product Description String, Power Descriptor, Device Release Number, and Device Serial Number as desired for
OEM applications. Customization of the USB configuration data is optional. If the EEPROM is not programmed
with OEM data, the default configuration data shown in Table 8 is used. However, a unique serial number is
required for OEM applications in which it is possible for multiple CP2103-based devices to be connected to the
same PC.
The internal EEPROM is programmed via the USB. This allows the OEM's USB configuration data and serial
number to be written to the CP2103 on-board during the manufacturing and testing process. A stand-alone utility
for programming the internal EEPROM is available from Silicon Laboratories. A library of routines provided in the
form of a Windows® DLL is also available. This library can be used to integrate the EEPROM programming step
into custom software used by the OEM to streamline testing and serial number management during manufacturing.
The EEPROM has a typical endurance of 100,000 write cycles with a data retention of 100 years.
USB descriptors can be locked to prevent future modification.
Table 7. Data Formats and Baud Rates
Data Bits
5, 6, 7, and 8
Stop Bits
1, 1.51, and 2
Parity Type
None, Even, Odd, Mark, Space
Baud Rates2 300, 600, 1200, 1800, 2400, 4000, 4800, 7200, 9600, 14400, 16000, 19200,
28800, 38400, 51200, 56000, 57600, 64000, 76800, 115200, 128000,
153600, 230400, 250000, 256000, 460800, 500000, 576000, 9216003
Notes:
1. 5-bit only.
2. Additional baud rates are supported. See “AN205: CP210x Baud Rate Support”.
3. 7 or 8 data bits only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com