Electronic Components Datasheet Search
  English  ▼

X  

QPL1818 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL1818
Description  75 15 dB CATV Amplifier (50 ??1800MHz)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL1818 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL1818 Datasheet HTML 1Page - Qorvo, Inc QPL1818 Datasheet HTML 2Page - Qorvo, Inc QPL1818 Datasheet HTML 3Page - Qorvo, Inc QPL1818 Datasheet HTML 4Page - Qorvo, Inc QPL1818 Datasheet HTML 5Page - Qorvo, Inc QPL1818 Datasheet HTML 6Page - Qorvo, Inc QPL1818 Datasheet HTML 7Page - Qorvo, Inc QPL1818 Datasheet HTML 8Page - Qorvo, Inc QPL1818 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
QPL1818
75 Ω 15 dB CATV Amplifier (50 – 1800MHz)
Data Sheet
– Rev C, May 19, 2021 | Subject to change without notice
- 2 of 11 -
®
Absolute Maximum Ratings____________________________________________
Parameter
Rating
Supply Voltage (VDD)
+10 V
Supply Current (IDD)
140 mA
Maximum Input Level
+10 dBm
Operating Temperature Range
-40 to +100
 °C
Storage Temperature Range
−65 to +150 °C
Maximum Junction Temperature
+150
 °C
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of
Absolute Maximum Rating conditions to the device may reduce device reliability.
Electrical Specifications at +
5 V_________________________________________
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Voltage (VDD)
5
V
Supply Current (IDD)
100
mA
Frequency Range
50
1800
MHz
Gain
15
dB
Gain Slope
1
dB
Reverse Isolation
19
dB
Input Return Loss
20
dB
Output Return Loss
18
dB
MER
At +56dBmV Total Composite Output power.
108MHz to 1791MHz,
0dB tilt, 288Ch, QAM256
42
dB
Noise Figure
2
dB
OIP2L
+5
 dBm / tone output
59
dBm
OIP2U
+
5 dBm / tone output
45
dBm
OIP3
+5
 dBm / tone output
37
dBm
OP1dB
19
dBm
Thermal Resistance
ΘJC
60
˚C/W
Note: Typical
performance at these conditions: Temp = +25 °C, V
DD = +5 V, 75 Ω system, Full band unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com