Electronic Components Datasheet Search
  English  ▼

X  

FSMD1206 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FSMD1206
Description  Surface Mount PTC FSMD1206 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSMD1206 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FSMD1206 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSMD1206 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSMD1206 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSMD1206 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOTE : All Specification subject to change without notice
.
49
Electrical Characteristics(23℃)
Max Time to Trip
Resistance
Tolerance
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Current
Time
R MIN
R1 MAX
Part
Number
IH,A
IT,A
VMAX,Vdc
IMAX, A
Pd, W
A
Sec
Ω
Ω
FSMD005-1206
0.05
0.15
60
10
0.4
0.25
1.50
3.60
50.00
FSMD010-1206
0.10
0.25
60
10
0.4
0.50
1.00
1.60
15.00
FSMD020-1206
0.20
0.40
30
10
0.4
8.00
0.05
0.60
2.50
FSMD035-1206
0.35
0.75
16
40
0.4
8.00
0.10
0.30
1.20
FSMD050-1206
0.50
1.00
8
40
0.4
8.00
0.10
0.15
0.70
FSMD075-1206
0.75
1.50
6
40
0.6
8.00
0.20
0.10
0.29
FSMD100-1206
1.00
1.80
6
40
0.6
8.00
0.30
0.055
0.210
FSMD150-1206
1.50
3.00
6
40
0.8
8.00
1.00
0.040
0.120
IH=Hold current-maximum current at which the device will not trip at 23
℃still air.
IT=Trip current-minimum current at which the device will always trip at 23 ℃ still air.
V MAX=Maximum voltage device can withstand without damage at it rated current.(I max)
I MAX= Maximum fault current device can withstand without damage at rat ed voltage (V max).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23
℃ still air environment.
RMIN=Minimum device resistance at 23℃ prior to tripping.
R1MAX=Maximum device resistance at 23
℃ measured 1 hour post trip.
Termination pad characteristics
Termination pad materials : solder-plated copper
※ Lead Free Component
Application:
All high-density boards
Product Features:
Small surface mount, Solid state
Faster time to trip than standard SMD devices
Lower resistance than standard SMD devices
Operation Current: 50mA~1.5A
Maximum Voltage: 6V~60V
Temperature Range: -40℃ to 85℃
Agency Recognition: Pending
FSMD1206 Series
Surface Mount PTC
PDF created with FinePrint pdfFactory trial version http://www.pdffactory.com


Similar Part No. - FSMD1206

ManufacturerPart #DatasheetDescription
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
More results

Similar Description - FSMD1206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
Surface Mount PTC
logo
DB Lectro Inc
FSMD014 DBLECTRO-FSMD014 Datasheet
143Kb / 4P
Surface Mount PTC FSMD Series
logo
RFE international
FSMD005-1206 RFE-FSMD005-1206 Datasheet
195Kb / 2P
Surface Mount PPTC FSMD1206 Series
logo
Bel Fuse Inc.
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
Surface Mount PTC
logo
Fuzetec Technology Co.,...
FSMD005-1206-R FUZETEC-FSMD005-1206-R Datasheet
210Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
FSMD050-1206RZ FUZETEC-FSMD050-1206RZ Datasheet
197Kb / 5P
Surface Mountable PTC Resettable Fuse: Low Rho FSMD1206 Series
logo
RFE international
FSMD1206 RFE-FSMD1206 Datasheet
361Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1206 Series
2021/03/25
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com