Electronic Components Datasheet Search
  English  ▼

X  

PS4052ESE Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PS4052ESE
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4052ESE Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PS4052ESE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4052ESE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
r
e
t
e
m
a
r
a
P
l
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
5
20
90
0
2
s
n
ll
u
F5
7
2
e
m
i
T
ff
O
-
n
r
u
Tt F
F
O
5
20
65
2
1
ll
u
F5
7
1
e
k
a
M
-
e
r
o
f
e
B
-
k
a
e
r
B
l
a
v
r
e
t
n
I
t N
E
P
O
5
2
0
3
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QCL
V
,
F
n
1
=
S
R
,
V
0
=
S = Ω
0
5
.
15
C
p
Electrical Characteristics - Single 5V(continued)
(V+ = +5V ±10%, V– = 0V, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
C)
C
°
(
p
m
e
Tn
i
M
)
1
(
p
y
T
)
2
(
x
a
M
)
1
(
s
ti
n
U
h
c
ti
w
S
e
g
n
a
R
l
a
n
g
i
S
g
o
l
a
n
A
)
3
(
V
G
O
L
A
N
A
ll
u
F0
+
VV
e
c
n
a
t
si
s
e
R
-
n
OR N
O
I O
N
V
,
A
m
1
=
M
O
C
,
V
5
.
1
=
V
3
=
+
V
5
20
5
25
2
5
Ω
ll
u
F0
0
7
c
i
m
a
n
y
D
e
m
i
T
n
o
it
i
s
n
a
r
T
)
3
(
t
S
N
A
R
T
V
,
1
e
r
u
g
i
F
N
I
V
4
.
2
=
V 1
O
N
V
,
V
5
.
1
=
8
O
N
V
0
=
5
2
0
3
25
7
5
s
n
e
m
i
T
n
O
-
n
r
u
T
)
3
(
t N
O
V
,
2
e
r
u
g
i
F
H
N
I
V
4
.
2
=
V L
N
I
V
,
V
0
=
1
O
N
V
5
.
1
=
0
0
20
0
5
e
m
i
T
ff
O
-
n
r
u
T
)
3
(
t F
F
O
V
,
2
e
r
u
g
i
F
H
N
I
V
4
.
2
=
V L
N
I
V
,
V
0
=
1
O
N
V
5
.
1
=
5
70
0
4
n
o
it
c
e
j
n
I
e
g
r
a
h
C
)
3
(
QCL
V
,
F
n
0
1
=
S
R
,
V
0
=
S
0
= Ω
15
C
p
Electrical Characteristics - Single 3V Supply
(V+ = +3.3V ±10%, V– = 0V, GND = 0V, VAH = VIH = +2.4V, VAL = VIL
L = +0.8V)
Notes:
1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used
in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design
4.
∆RΟΝ = RΟΝ max - RΟΝ min
5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured.
6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7. Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM/VNO,
VCOM = output, VNO = input to off switch
8. Leakage testing at single supply is guaranteed by testing with dual supplies.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com