Electronic Components Datasheet Search
  English  ▼

X  

PS4052EEE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PS4052EEE
Description  17V CMOS Analog Multiplexers/Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PS4052EEE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PS4052EEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PS4052EEE Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8461
02/16/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Caution: Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied.
Thermal Information
Continuous Power Dissipation
Plastic DIP (derate 10.5mW/°C above +70°C) .............. 800mW
Narrow SO and QSOP
(derate 8.7mW/°C above +70°C) .................................... 650mW
Storage Temperature ........................................ -65°C to +150°C
Lead Temperature (soldering, 10s) ................................. +300°C
Note 1:
Signals on NO, COM, or logic inputs exceeding V+ or V– are
clamped by internal diodes. Limit forward diode current to 30mA.
Absolute Maximum Ratings
Voltages Referenced to V–
V+ ..................................................................... –0.3V to + 17V
GND ................................................................. –0.3V to + 17V
GND ......................................................... -0.3V to (V+) + 0.3V
VIN, VCOM, VNO(1) .......................................... (V-) –2V to (V+) + 2V
or 30mA, whichever occurs first
Current (any terminal ) ..................................................... 30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle) ..................................... 100mA
ESD per method 3015.7 ............................................... >2000V
1
5
0
4
S
P
H
N
IC
D
D
AB
D
D
AA
D
D
Ah
c
t
i
w
S
n
O
1
XXX
e
n
o
N
0000
0
O
N
000
1
1
O
N
00
1
0
2
O
N
00
11
3
O
N
01
0
0
4
O
N
01
01
5
O
N
01
1
0
6
O
N
0
111
7
O
N
2
5
0
4
S
P
H
N
IB
D
D
AA
D
D
Ah
c
ti
w
S
n
O
1X
X
e
n
o
N
000
B
,
A
0
O
N
00
1
B
,
A
1
O
N
01
0
B
,
A
2
O
N
01
1
B
,
A
3
O
N
Truth Tables
3
5
0
4
S
P
H
N
IC
D
D
AB
D
D
AA
D
D
As
e
h
c
ti
w
S
n
O
1
XXX
e
n
o
N
0000
C
O
NB
O
NA
O
N
000
1
C
O
NB
O
NA
C
N
00
1
0
C
O
NB
C
NA
O
N
00
11
C
O
NB
C
NA
C
N
01
0
0
C
C
NB
O
NA
O
N
01
01
C
C
NB
O
NA
C
N
01
1
0
C
C
NB
C
NA
O
N
0
111
C
C
NB
C
NA
C
N
Logic “0”, VAL ≤ 0.8V
Logic “1”, VIH ≥ 2.4V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com