Electronic Components Datasheet Search
  English  ▼

X  

546733 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 546733
Description  Basic valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

546733 Datasheet(HTML) 1 Page - Festo Corporation.

  546733 Datasheet HTML 1Page - Festo Corporation. 546733 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Basic valve
VSVA-B-T32U-A-A1-P1
Part number: 546733
Data sheet
Feature
Value
Valve function
2x3/2, open, monostable
Actuation type
Electrical
Valve size
26 mm
Standard nominal flow rate
900 l/min
Pneumatic working port
Sub-base, size 26 mm as per ISO 15407-1
Size 01 sub-base as per VDMA 24563
G1/4
Operating pressure
0.2 MPa ... 1 MPa
Operating pressure
2 bar ... 10 bar
Design
Piston gate valve
Reset method
Pneumatic spring
Certification
c UL us - Recognized (OL)
Degree of protection
IP65
NEMA 4
Nominal width
9 mm
Type code
VSVA
Exhaust air function
With flow control option
Sealing principle
Soft
Mounting position
Any
Conforms to standard
ISO 15407-1
VDMA 24563
Type of control
Pilot-controlled
Pilot air supply port
Internal
Flow direction
Non-reversible
Symbol
00991807
Lap
Overlap
Signal status display
LED
Pilot pressure MPa
0.3 MPa ... 1 MPa
Pilot pressure
3 bar ... 10 bar
Flow rate of pneumatic valve
1250 l/min
Flow rate of pneumatic valve on individual sub-base
1000 l/min
Optimized flow rate of pneumatic valve pneumatically concatenated flow 900 l/min
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
8/30/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 546733

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546730 FESTO-546730 Datasheet
101Kb / 2P
Pneumatic valve
546731 FESTO-546731 Datasheet
104Kb / 2P
Basic valve
546732 FESTO-546732 Datasheet
102Kb / 2P
Basic valve
546734 FESTO-546734 Datasheet
101Kb / 2P
Basic valve
546735 FESTO-546735 Datasheet
100Kb / 2P
Basic valve
More results

Similar Description - 546733

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
546745 FESTO-546745 Datasheet
100Kb / 2P
Basic valve
546747 FESTO-546747 Datasheet
100Kb / 2P
Basic valve
546735 FESTO-546735 Datasheet
100Kb / 2P
Basic valve
546741 FESTO-546741 Datasheet
100Kb / 2P
Basic valve
546744 FESTO-546744 Datasheet
98Kb / 2P
Basic valve
546746 FESTO-546746 Datasheet
98Kb / 2P
Basic valve
546748 FESTO-546748 Datasheet
99Kb / 2P
Basic valve
546738 FESTO-546738 Datasheet
99Kb / 2P
Basic valve
546740 FESTO-546740 Datasheet
99Kb / 2P
Basic valve
546742 FESTO-546742 Datasheet
100Kb / 2P
Basic valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com