Electronic Components Datasheet Search
  English  ▼

X  

AN3266FAP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN3266FAP
Description  Video luminance signal recording/playback processing IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3266FAP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN3266FAP Datasheet HTML 1Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 2Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 3Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 4Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 5Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 6Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 7Page - Panasonic Semiconductor AN3266FAP Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN3266FAP
ICs for VCR
2
s Pin Descriptions
Pin No.
Description
17
To CCD out
18
NL pre-emph. out
19
Clamp in
20
SP/EP select, FMCI CTL
21
N.C.
22
NF input for main emph.
23
Main emph. out
24
FM current in
25
W clip CTL / LNC stop CTL
26
PB RF in
27
Env. det.
28
REC FM out
29
Sync. sepa. out
30
Sync. sepa. det.
31
AGC det.
32
EE adjust / NC off CTL
Pin No.
Description
1
Video in
2
Sub clamp det.
3
Sub clamp out (REC), Sub LPF out (PB)
4
GND
5
Video out
6VCC
7
Mute CTL
8
PB chroma in / DE off CTL
9
Picture CTL
10
Signal input for main LPF
11
VV level adjust., EE / VV select.
12
LNC LIM out
13
Main de-emphasis
14
Main de-emphasis (out)
15
Main Y sig. in
16
Delayed Y sig. in
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
6V
Supply current
ICC
68
mA
Power dissipation *
2
PD
208
mW
Operating ambient temperature *
1
Topr
−20 to +70
°C
Storage temperature *
1
Tstg
−55 to +125
°C
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: The power dissipation shown is for the IC package in free air at Ta = 70°C.
PD = 417 mW (Ta = 70°C) on mounting on a glass epoxy resin substrate of 50 × 50 × t0.8 mm3.
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VCC
4.5 to 5.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com