Electronic Components Datasheet Search
  English  ▼

X  

TCLLZ2V0 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TCLLZ2V0
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TCLLZ2V0 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TCLLZ2V0 Datasheet HTML 2Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 3Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 4Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 5Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 6Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 7Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 8Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 9Page - List of Unclassifed Manufacturers TCLLZ2V0 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
March 2003 / B
Page 4
SEMICONDUCTOR
TAK CHEONG
®
LL-34 (Mini-MELF) Tape & Reel Packaging Information
LL-34 Reel Outline
Dimensions are in millimeters
Tape Size
QTY Option
Dim A
Dim B
Dim C
Dim D
Dim N
W1
W2
W3
2,500
178
1.5
13
20.2
55
8.4
14.4
7.9 – 10.9
8mm
10,000
330
1.5
13
20.2
100
8.4
14.4
7.9 – 10.9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com