Electronic Components Datasheet Search
  English  ▼

X  

GPSMB501 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # GPSMB501
Description  MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSMB501 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  GPSMB501 Datasheet HTML 1Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 2Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 3Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 4Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 5Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 6Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 7Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 8Page - Pulse A Technitrol Company GPSMB501 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Description: MiMo LTE, MiMo WiFi, GNSS
Vehicle Mount Antenna
PART NUMBER: GPSMB50XX
Series: Panther
Issue: 1942
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
15255 Innovation Drive #100
18110 SE 34th St Bldg 2 Suite 250
Features:
Applications:
All dimensions are in mm / inches
• Supports MIMO Cellular LTE 698-
960/1695-2170/2300-2700/2900-3600MHz
• Supports MIMO WiFi and DSRC 2400-
2500MHz/4900-5925MHz
• Supports Beidou, GPS, Galileo,
GLONASS
• Direct Mount and optional Magnetic Mount
features
• See GPSMBMM for magnetic mount
details
• GPSMB501/GPSMB501C/GPSMB501D
Black and GPSMB502 White
• Telematics
• Location based services
• First Responders(Police,
Ambulance, Fire)
• Government
• Energy(Utility Vehicles)
• Fleet Management
1


Similar Part No. - GPSMB501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501_17 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
More results

Similar Description - GPSMB501

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
GPSMB401 PULSE-GPSMB401 Datasheet
2Mb / 29P
MiMoLTE, WiFi, GNSS Vehicle Mount Antenna
GPSMB301 PULSE-GPSMB301 Datasheet
2Mb / 19P
MiMoLTE, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501C PULSE-GPSMB501C Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB501 PULSE-GPSMB501_17 Datasheet
2Mb / 29P
MiMoLTE, MiMoWiFi, GNSS Vehicle Mount Antenna
GPSMB60 PULSE-GPSMB60 Datasheet
5Mb / 36P
GNSS VEHICLE MOUNT ANTENNA
PAN62311DM PULSE-PAN62311DM Datasheet
5Mb / 36P
GNSS VEHICLE MOUNT ANTENNA
logo
Mitsumi Electronics, Co...
GPA-GS200 MITSUMI-GPA-GS200 Datasheet
119Kb / 2P
GNSS Antenna
GPA-GS250 MITSUMI-GPA-GS250 Datasheet
67Kb / 2P
GNSS Antenna
logo
Maxtena Inc.
MEA-1176-AM MAXTENA-MEA-1176-AM Datasheet
1Mb / 3P
GNSS/L1L2L5L6 Adhesive Mount antenna
REV A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com