Electronic Components Datasheet Search
  English  ▼

X  

AP504 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AP504
Description  DCS-band 4W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP504 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AP504 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP504 Datasheet HTML 2Page - List of Unclassifed Manufacturers AP504 Datasheet HTML 3Page - List of Unclassifed Manufacturers AP504 Datasheet HTML 4Page - List of Unclassifed Manufacturers AP504 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 5 February 2006
AP504
DCS-band 4W HBT Amplifier Module
Product Information
The Communications Edge
TM
Performance Graphs (cont’d)
ACPR vs. Output Power
CDMA2000 SR1, 1FA , fc=1765 MHz, +25 °C, Vcc=12V, Icq=850mA
-90
-80
-70
-60
18
20
22
24
26
Total Output Power (dBm)
1.98 MHz offset
885 kHz offset
Icc vs. Output Power
1765 MHz, Vcc=12V, Icq=850mA
760
780
800
820
840
860
18
20
22
24
26
28
Output Channel Power (dBm)
-40 °C
+25 °C
+85 °C
Icc / PAE vs. Output Power
1765 MHz, +25 °C, Vcc=12V, Icq=850mA
0
0.2
0.4
0.6
0.8
1
20
22
24
26
28
30
32
34
Output Power (dBm)
PAE
Icc
Output Power / Gain vs. Input Power
1765 MHz, +25 °C, Vcc=12V, Icq=850mA
28
30
32
34
36
38
-6
-4
-2
0
2
4
Input Power (dBm)
Pout
Gain
IMD vs. Output Power per tone
1765 MHz, +25 °C, Vcc=12V, Icq=850mA
-80
-70
-60
-50
-40
-30
18
20
22
24
26
28
Output Power per tone (dBm)
IMD3_Upper
IMD3_Lower
IMD5
OIP3 vs. Output Power per tone
1765 MHz, +25 °C, Vcc=12V, Icq=850mA
30
35
40
45
50
55
18
20
22
24
26
28
Output Power per tone (dBm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com