Electronic Components Datasheet Search
  English  ▼

X  

MBC201 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MBC201
Description  200 W with Forced-Air Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC201 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MBC201 Datasheet HTML 1Page - Bel Fuse Inc. MBC201 Datasheet HTML 2Page - Bel Fuse Inc. MBC201 Datasheet HTML 3Page - Bel Fuse Inc. MBC201 Datasheet HTML 4Page - Bel Fuse Inc. MBC201 Datasheet HTML 5Page - Bel Fuse Inc. MBC201 Datasheet HTML 6Page - Bel Fuse Inc. MBC201 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The MBC201 Series of open-frame medical power supplies, with its
wide universal input range 90-264 VAC, is available at 200 W of
output power with forced-air cooling and a variety of single output
voltages.
The MBC Series is designed and approved to the latest medical
standards (EN/IEC 60601-1), providing 2 x MOPP isolation for Class I
& Class II applications.
These power supplies are ideal for medical, telecom, datacom,
industrial equipment and other applications.
•
5 x 3 x 1.5 Inch Form Factor
•
200 W with Forced-Air Cooling
•
Approved to EN / IEC 60601-1
•
High Efficiency > 88%
•
12 V Fan Output
•
5 V Standby Output
•
Remote Sense
•
IEC Protection Class Options:
−
Class I: Earthing Tab J4 (no suffix)
−
Class II: No Earthing Tab (-2 suffix)
•
Medical Safety Agency Approvals
•
CE Marked
•
Diagnostic
•
Drug Pump
•
Monitoring
•
Dialysis
•
Home Health Care
•
Portable Equipment


Similar Part No. - MBC201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBC2014CF ETC1-MBC2014CF Datasheet
138Kb / 1P
SILICON PLANAR PHTODIODES
More results

Similar Description - MBC201

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JPS250 XPPOWER-JPS250 Datasheet
470Kb / 6P
200 W / 300 W with Convection Cooling
logo
Bel Fuse Inc.
ABC180 BEL-ABC180 Datasheet
802Kb / 7P
180 Watts with Forced Air Cooling
ABC150 BEL-ABC150_V01 Datasheet
769Kb / 6P
4 x 2 x 1.3 Inch Form Factor 150 W with Forced-Air Cooling
ABC201 BEL-ABC201_V01 Datasheet
782Kb / 7P
5 x 3 x 1.5 Inch Form Factor 200 W with Forced Air Cooling
ABC225 BEL-ABC225_V01 Datasheet
600Kb / 7P
225 W with Forced Air Cooling & 130 W with Convection Cooling
ABC350 BEL-ABC350_V01 Datasheet
762Kb / 7P
350 W with Forced Air Cooling & 200 W with Convection Cooling
ABC550 BEL-ABC550_V01 Datasheet
1Mb / 8P
Up to 550 Watts with Forced Air Cooling
ABC800 BEL-ABC800 Datasheet
1Mb / 13P
Convection or Forced Air Cooling
MBC225 BEL-MBC225 Datasheet
598Kb / 7P
225 W with Forced Air Cooling
MBC350 BEL-MBC350 Datasheet
552Kb / 6P
350 W with Forced Air Cooling & 200 W with Convection Cooling
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com