Electronic Components Datasheet Search
  English  ▼

X  

MBC225 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # MBC225
Description  225 W with Forced Air Cooling
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC225 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  MBC225 Datasheet HTML 1Page - Bel Fuse Inc. MBC225 Datasheet HTML 2Page - Bel Fuse Inc. MBC225 Datasheet HTML 3Page - Bel Fuse Inc. MBC225 Datasheet HTML 4Page - Bel Fuse Inc. MBC225 Datasheet HTML 5Page - Bel Fuse Inc. MBC225 Datasheet HTML 6Page - Bel Fuse Inc. MBC225 Datasheet HTML 7Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MBC225 Series
tech.support@psbel.com
1.
MODEL SELECTION
MODEL NUMBER 1
DESCRIPTION
VOLTAGE
MAX. LOAD
POWER
CONVECTION 50˚C
(112.5 W)
CONVECTION 40˚C
(120 W)
13 CFM
(225 W)
MBC225-1T12L
MBC225-1012L
Screw Terminal
Molex Connector
12 V
9.37 A
10.00 A
18.75 A
225 W
MBC225-1T15L
MBC225-1015L
Screw Terminal
Molex Connector
15 V
7.50 A
8.00 A
15.00 A
225 W
MBC225-1T24L
MBC225-1024L
Screw Terminal
Molex Connector
24 V
4.68 A
5.00 A
9.37 A
225 W
MBC225-1T30L
MBC225-1030L
Screw Terminal
Molex Connector
30 V
3.75 A
4.00 A
7.50 A
225 W
MBC225-1T48L
MBC225-1048L
Screw Terminal
Molex Connector
48 V
2.34 A
2.50 A
4.68 A
225 W
MBC225-1T58L
MBC225-1058L
Screw Terminal
Molex Connector
58 V
1.94 A
2.07 A
3.88 A
225 W
COVER-225-XBC
2
Metal cover kit (accessory)
1
Class II version available. Add suffix “-2” at the end of the Model Number
2
When used in Cover Kit, de-rate output power to 70 % under all operating conditions.
2.
INPUT SPECIFICATIONS
Specifications are for nominal input voltage, 25°C unless otherwise stated.
PARAMETER
DESCRIPTION / CONDITION
SPECIFICATION
Input Voltage
Universal
(Derate from 100% at 100 VAC to 90% at 85 VAC)
85 – 264 VAC / 390 VDC
Input Frequency
47 – 63 Hz
Input Current
115 VAC:
230 VAC:
2.2 A max.
1.1 A max.
No Load Power
Typical
< 0.5 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
Typical (N.A. For Class II Option)
Touch current:
300 µA
< 100 µA
Power Factor
With Full Load
> 0.95
Switching Frequency
PFC:
PWM:
70 to 130 kHz
50 – 80 kHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com