Electronic Components Datasheet Search
  English  ▼

X  

QPX0002 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPX0002
Description  2.5-15 GHz I/Q Mixer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPX0002 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPX0002 Datasheet HTML 1Page - Qorvo, Inc QPX0002 Datasheet HTML 2Page - Qorvo, Inc QPX0002 Datasheet HTML 3Page - Qorvo, Inc QPX0002 Datasheet HTML 4Page - Qorvo, Inc QPX0002 Datasheet HTML 5Page - Qorvo, Inc QPX0002 Datasheet HTML 6Page - Qorvo, Inc QPX0002 Datasheet HTML 7Page - Qorvo, Inc QPX0002 Datasheet HTML 8Page - Qorvo, Inc QPX0002 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
QPX0002
2.5-15 GHz I/Q Mixer
Data Sheet | July 2, 2021 | Subject to change without notice
3 of 14
www.qorvo.com
®
Typical Performance
– Data Taken as IRM with External IF Hybrid, IF=100 MHz USB
Conversion Gain vs. Temperature
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Frequency (GHz)
-40 C
+25 C
+85 C
Conversion Gain vs. LO Drive
-30
-28
-26
-24
-22
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Frequency (GHz)
13 dBm
15 dBm
17 dBm
19 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com