Electronic Components Datasheet Search
  English  ▼

X  

QPL9065 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPL9065
Description  Ultra Low-Noise 2-Stage Bypass LNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPL9065 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPL9065 Datasheet HTML 1Page - Qorvo, Inc QPL9065 Datasheet HTML 2Page - Qorvo, Inc QPL9065 Datasheet HTML 3Page - Qorvo, Inc QPL9065 Datasheet HTML 4Page - Qorvo, Inc QPL9065 Datasheet HTML 5Page - Qorvo, Inc QPL9065 Datasheet HTML 6Page - Qorvo, Inc QPL9065 Datasheet HTML 7Page - Qorvo, Inc QPL9065 Datasheet HTML 8Page - Qorvo, Inc QPL9065 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
QPL9065
Ultra Low-Noise 2-Stage Bypass LNA
DATA SHEET May 4, 2017 | Subject to change without notice
- 2 of 12 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Range / Value
Units
Storage Temperature
−65 to 150
°C
Drain Voltage (VDD)
+7
V
Input Power (CW)
+22
dBm
Exceeding any one or a combination of the Absolute Maximum
Rating conditions may cause permanent damage to the device.
Extended application of Absolute Maximum Rating conditions to
the device may reduce device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage
+3.3
+5.0
+5.25
V
TCASE
−40
+105
°C
Tj at TCASE = 125°C
+169
°C
Electrical specifications are measured under bias, signal and temperature
conditions as specified. Specifications are not guaranteed over all
recommended operating conditions.
Control Truth Table
VPD VBYP
State
1
0
LNA1 OFF, LNA2 OFF, Bypass OFF
0
0
LNA1 ON, LNA2 ON, Bypass OFF
0
1
LNA1 ON, LNA2 OFF, Bypass ON
1
1
LNA1 OFF, LNA2 OFF, Bypass ON
Electrical Specifications
Test conditions unless otherwise noted: VDD = +5 V, Temp. = +25°C.
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
450
3800
MHz
Test Frequency
1950
MHz
Gain
LNAs ON, Bypass OFF
35.5
37.5
39.5
dB
Input Return Loss
LNAs ON, Bypass OFF
12.5
dB
Output Return Loss
LNAs ON, Bypass OFF
15
dB
Noise Figure
LNAs ON, Bypass OFF
0.55
0.8
dB
Output P1dB
LNAs ON, Bypass OFF
+17.5(1)
+20.8
dBm
Output IP3
LNAs ON, Bypass OFF,
Pout=+5 dBm/tone, Δf=1 MHz
+32
+36
dBm
Gain
LNA1 ON, Bypass ON
16.2
17.5
19.2
dB
Input Return Loss
LNA1 ON, Bypass ON
11.5
dB
Output Return Loss
LNA1 ON, Bypass ON
12
dB
Noise Figure
LNA1 ON, Bypass ON
0.55
0.8
dB
Output P1dB
LNA1 ON, Bypass ON
+15.8(1)
+18
dBm
Output IP3
LNA1 ON, Bypass ON,
Pout=+5 dBm/tone, Δf=1 MHz
+30
+33
dBm
Control Voltage, VPD, VBYP
VIH
1.17
3.3
V
VIL
0
0.63
V
Current, ID
LNAs ON, Bypass OFF
80
160
200
mA
LNA1 ON, LNA2 OFF, Bypass ON
43
70
98
mA
LNAs OFF, Bypass OFF
5
mA
Thermal Resistance, θjc
High gain Mode (Channel to case)
42
°C/W
Low gain Mode (Channel to case)
70
°C/W
Notes:
1.
P1dB is not measured in production test. This min spec is calculated based on design confidence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com