Electronic Components Datasheet Search
  English  ▼

X  

0150161237 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0150161237
Description  0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 51 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0150161237 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0150161237 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/12/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0150161237
Status:
Active
Overview:
FFC Cable Jumpers, Premo-Flex Flat-Flexible Cable Jumpers
Description:
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts
(Type A), 127.00mm Cable Length, Gold (Au) Plating, 51 Circuits
Documents:
Drawing (PDF)
Datasheet (PDF)
Product Specification 150160001-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15016
Crimp Quality Equipment
Yes
Overview
FFC Cable Jumpers, Premo-Flex Flat-Flexible Cable
Jumpers
Product Name
Premo-Flex FFC Jumper
UPC
195842298644
Physical
Cable Length
127.00mm
Circuits (Loaded)
51
Contact Layout Type
A (same side)
Material - Plating Mating
Gold
Packaging Type
Bag
Pitch - Mating Interface
0.50mm
Temperature Range - Operating
-40° to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Product Specification
150160001-000
Sales Drawing
150160001-001
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
D(2020)9139-DC (19
Jan 2021)
Halogen-Free
Status
Low-Halogen
For more information, please visit Contact US
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
15016 Series
Mates With
Easy-On FFC/FPC One-Touch Connector
2004850451 , 2004850551 , 2004850651 ,
2004850751
This document was generated on 08/12/2021
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0150161237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150161230 MOLEX-0150161230 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Opposite Side Contacts (Type D), 305.00mm Cable Length, Gold (Au) Plating, 35 Circuits
0150161231 MOLEX-0150161231 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 51.00mm Cable Length, Gold (Au) Plating, 51 Circuits
0150161232 MOLEX-0150161232 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Opposite Side Contacts (Type D), 51.00mm Cable Length, Gold (Au) Plating, 51 Circuits
0150161233 MOLEX-0150161233 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 76.00mm Cable Length, Gold (Au) Plating, 51 Circuits
0150161234 MOLEX-0150161234 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Opposite Side Contacts (Type D), 76.00mm Cable Length, Gold (Au) Plating, 51 Circuits
More results

Similar Description - 0150161237

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150160323 MOLEX-0150160323 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 30 Circuits
0150160433 MOLEX-0150160433 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 40 Circuits
0150160543 MOLEX-0150160543 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 50 Circuits
0150160653 MOLEX-0150160653 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 60 Circuits
0150160763 MOLEX-0150160763 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 70 Circuits
0150160873 MOLEX-0150160873 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 80 Circuits
0150161061 MOLEX-0150161061 Datasheet
37Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 127.00mm Cable Length, Gold (Au) Plating, 35 Circuits
0150161241 MOLEX-0150161241 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 178.00mm Cable Length, Gold (Au) Plating, 51 Circuits
0150161243 MOLEX-0150161243 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 203.00mm Cable Length, Gold (Au) Plating, 51 Circuits
0150161247 MOLEX-0150161247 Datasheet
36Kb / 1P
0.50mm Pitch Premo-Flex One-Touch FFC Jumper with Ears, Same Side Contacts (Type A), 254.00mm Cable Length, Gold (Au) Plating, 51 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com