Electronic Components Datasheet Search
  English  ▼

X  

MAX17577 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17577
Description  in -12V and -5V Output-Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17577 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17577 Datasheet HTML 1Page - Maxim Integrated Products MAX17577 Datasheet HTML 2Page - Maxim Integrated Products MAX17577 Datasheet HTML 3Page - Maxim Integrated Products MAX17577 Datasheet HTML 4Page - Maxim Integrated Products MAX17577 Datasheet HTML 5Page - Maxim Integrated Products MAX17577 Datasheet HTML 6Page - Maxim Integrated Products MAX17577 Datasheet HTML 7Page - Maxim Integrated Products MAX17577 Datasheet HTML 8Page - Maxim Integrated Products MAX17577 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX17577 and MAX17578
in -12V and -5V Output-Voltage
Applications
MAX17577EVKIT#, MAX17578EVKIT#
Evaluation Kits
Inductive Output Short-Circuit Protection
The MAX17577EVKIT# and MAX17578EVKIT# PCB
layouts provide footprints for optional R-D circuits (R107
and D101, R207 and D201) that are used for Inductive
Output Short-Circuit Protection. For more details, refer to
the MAX17577, MAX17578 IC data sheet.
Electromagnetic Interference (EMI)
Compliance to conducted emissions (CE) standards
requires an EMI filter at the input of a switching power
converter. The EMI filter attenuates high-frequency cur-
rents drawn by the switching power converter, and limits
the noise injected back into the input power source.
The MAX17577EVKIT# and MAX17578EVKIT# PCBs
have designated footprints for the placement of con-
ducted EMI filter components as per the optional Bill of
Material (BoM). Use of these filter components results in
lower conducted EMI, below CISPR32 Class B limits. Cut
open the trace at L102 and L202 before installing EMI
filter components. The PCB layouts are also designed
to limit radiated emissions from switching nodes of the
power converter, resulting in radiated emissions below
CISPR32 Class B limits.
(VIN1 = VIN2 = 24V, fSW1 = fSW2 = 600kHz, unless otherwise noted.)
MAX17577EVKIT# and MAX17578EVKIT# EV Kit Performance Reports
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
LOAD CURRENT (A)
MAX17577
EFFICIENCY VS. LOAD CURRENT
VOUT1 = -12V
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 16V
TOC01
-5.10
-5.05
-5.00
-4.95
-4.90
0.0
0.2
0.4
0.6
0.8
1.0
LOAD CURRENT (A)
MAX17578
LOAD AND LINE REGULATION
VOUT2 = -5V
VIN = 36V
VIN = 24V
VIN = 16V
VIN = 48V
TOC04
VIN = 55V
-12.15
-12.10
-12.05
-12.00
-11.95
0.0
0.2
0.4
0.6
0.8
LOAD CURRENT (A)
MAX17577
LOAD AND LINE REGULATION
VOUT1 = -12V
VIN = 36V
VIN = 24V
VIN = 16V
VIN = 48V
TOC02
200mV/div
200µs/div
MAX17577
LOAD TRANSIENT BETWEEN 0 AND 0.4A
VOUT1 = -12V
TOC05
VOUT(AC)
IOUT
200mA/div
0
20
40
60
80
100
0.01
0.10
1.00
LOAD CURRENT (A)
MAX17578
EFFICIENCY VS. LOAD CURRENT
VOUT2 = -5V
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 16V
TOC03
VIN = 55V
200mV/div
200µs/div
MAX17577
LOAD TRANSIENT BETWEEN 0.4A AND 0.8A
VOUT1 = -12V
TOC06
VOUT(AC)
IOUT
500mA/div
0.8A
0.4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com