Electronic Components Datasheet Search
  English  ▼

X  

MAX17574 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17574
Description  3.3V Output-Voltage Application
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17574 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17574 Datasheet HTML 1Page - Maxim Integrated Products MAX17574 Datasheet HTML 2Page - Maxim Integrated Products MAX17574 Datasheet HTML 3Page - Maxim Integrated Products MAX17574 Datasheet HTML 4Page - Maxim Integrated Products MAX17574 Datasheet HTML 5Page - Maxim Integrated Products MAX17574 Datasheet HTML 6Page - Maxim Integrated Products MAX17574 Datasheet HTML 7Page - Maxim Integrated Products MAX17574 Datasheet HTML 8Page - Maxim Integrated Products MAX17574 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17574
3.3V Output-Voltage Application
MAX17574 3.3V Output
Evaluation Kit
2mS/div
100mV/div
LOAD CURRENT STEPPED FROM 5mA TO 1.5A
(3.3V OUTPUT, PFM MODE)
VOUT
(AC)
1A/div
toc08
ILX
10
20
30
40
50
60
70
80
90
100
0.0
0.1
1.0
LOAD CURRENT (A)
EFFICIENCY vs. LOAD CURRENT
(3.3V OUTPUT, DCM MODE)
VIN = 48V
VIN = 36V
VIN = 24V
VIN = 12V
MODE = VCC
toc05
3.0
100
μS/div
100mV/div
LOAD CURRENT STEPPED FROM NO LOAD TO 1.5A
(3.3V OUTPUT, PWM MODE)
VOUT
(AC)
1A/div
toc07
ILX
FREQUENCY (Hz)
BODE PLOT
(3.3V OUTPUT,3A LOAD CURRENT)
toc06
PHASE
GAIN
CROSSOVER
FREQUENCY = 54kHz,
PHASE MARGIN = 63.3°
-20
-10
0
10
20
30
40
100
0
20
40
60
80
105
104
103
CONDITIONS: VIN = 24V
MAX17574 3.3V EV Kit Test Report (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com