Electronic Components Datasheet Search
  English  ▼

X  

MAX17558 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17558
Description  350kHz Switching Frequency
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17558 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17558 Datasheet HTML 1Page - Maxim Integrated Products MAX17558 Datasheet HTML 2Page - Maxim Integrated Products MAX17558 Datasheet HTML 3Page - Maxim Integrated Products MAX17558 Datasheet HTML 4Page - Maxim Integrated Products MAX17558 Datasheet HTML 5Page - Maxim Integrated Products MAX17558 Datasheet HTML 6Page - Maxim Integrated Products MAX17558 Datasheet HTML 7Page - Maxim Integrated Products MAX17558 Datasheet HTML 8Page - Maxim Integrated Products MAX17558 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX17558
MAX17558 Evaluation Kit
Switching Frequency
The device’s switching frequency is set to 350kHz by
resistor R14. Replace R14 with another value to set the
switching frequency between 100kHz to 2200kHz. Use
the following equation to calculate R14 when reconfiguring
the switching frequency:
SW
RT
(f
133)
R
8.8
+
=
Where FSW is in kHz and R14 is in KΩ.
When reconfiguring the EV kit’s switching frequency,
it may be necessary to change the loop-compensation
network’s components to new values. Refer to the “Loop
Compensation” section in the MAX17558 IC data sheet
for computing new compensation component values.
Power-Good Outputs
The EV kit provides power-good output test points
(PGOOD1 and PGOOD2) to monitor the PGOOD1 and
PGOOD2 signals. The PGOOD signals are pulled-up to
VCCINT by R21 and R20. PGOOD1 and PGOOD2 are
high when VOUT1 and VOUT2, respectively, are within the
90%-110% range of their programmed output voltages.
When VOUT1 and VOUT2 are outside of the 90%-110%
range of their programmed output voltages, PGOOD1 and
PGOOD are pulled low, respectively.
Power Supply Tracking
The EV kit is set up for independent soft-start without
tracking. The EV kit outputs are also operated in tracking
mode, with either output as a master by the following
modifications.
For OUT2 to track OUT1, follow the steps below:
● Replace R23 with a 0Ω resistor
● Replace R22 and C30 with a resistive divider such
that the parallel combination of the divider resistors
is less than 10kΩ. The ratios of the resistor-dividers
should be identical to the ratios of R26, R27, R6, and
R7 for the coincident tracking and ratiometric track-
ing, respectively.
For OUT1 to track OUT2, follow the steps below:
● Replace R30 with a 0Ω resistor
● Replace R29 and C21 with a resistive-divider such
that the parallel combination of the divider resistors
is less than 10kΩ. The ratios of the divider resistors
should be identical to the ratios of R6, R7 and R26,
R27 for the coincident tracking and ratiometric tracking,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com