Electronic Components Datasheet Search
  English  ▼

X  

MAX17552 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17552
Description  Output-Voltage Application
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17552 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17552 Datasheet HTML 1Page - Maxim Integrated Products MAX17552 Datasheet HTML 2Page - Maxim Integrated Products MAX17552 Datasheet HTML 3Page - Maxim Integrated Products MAX17552 Datasheet HTML 4Page - Maxim Integrated Products MAX17552 Datasheet HTML 5Page - Maxim Integrated Products MAX17552 Datasheet HTML 6Page - Maxim Integrated Products MAX17552 Datasheet HTML 7Page - Maxim Integrated Products MAX17552 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Evaluates: MAX17552 (µMAX) in 5V
Output-Voltage Application
MAX17552 5V Output Evaluation
Kit (µMAX)
General Description
The MAX17552 5V evaluation kit (EV kit) (µMAX®) is
a fully assembled and tested circuit board that demon-
strates the performance of the MAX17552 60V, 100mA
ultra-small, high-efficiency, synchronous step-down
DC-DC converter in a 10-pin µMAX package. The EV
kit operates over a wide input voltage range of 6V to
60V and provides up to 100mA load current at 5V out-
put. It draws only 26µA supply current under no-load
conditions (EN/UVLO connected to VIN). The EV kit is
programmed to switch at a frequency of 220kHz and
delivers a peak efficiency of 93% with the supplied
components. The device is simple to use and easily con-
figurable with minimal external components. It features
cycle-by-cycle peak current-limit protection, undervoltage
lockout and thermal shutdown.
The EV kit comes installed with the MAX17552AUB+ in
an 10-pin (3mm x 3mm), lead(Pb)-free/RoHS-compliant
µMAX package.
Features and Benefits
●
6V to 60V Input Voltage Range
●
5V Output, 100mA Continuous Current
●
93% Peak Efficiency
●
26µA No-Load Supply Current
●
EN/UVLO for On/Off Control and Programmable
Input Undervoltage Lockout
●
Programmable Switching Frequency
●
Internal or Programmable Soft-Start
●
PFM or Forced-PWM Mode of Operation
●
RESET Output
●
Peak Current-Limit Protection
●
Thermal Shutdown
●
Proven PCB Layout
●
Fully Assembled and Tested
Quick Start
Recommended Equipment
●
MAX17552 5V EV kit (µMAX)
●
60V adjustable, 0.5A DC power supply
●
Electronic load up to 100mA
●
Voltmeter
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on
the power supply until all connections are completed.
1) Verify that shunts are installed on jumpers JU1 and
JU2 (EN/UVLO).
2) Verify that jumper JU3 (MODE-PFM operation) is open.
3) Set the electronic load to constant-current mode,
100mA, and disable the electronic load.
4) Connect the electronic load’s positive terminal to the
VOUT PCB pad. Connect the negative terminal to
the GND PCB pad.
5) Connect the voltmeter across the VOUT and GND
PCB pads.
6) Set the power-supply output to 24V. Disable the
power supply.
7) Connect the power-supply output to the VIN PCB
pad. Connect the supply ground to the GND PCB
pad.
8) Turn on the power supply.
9) Enable the electronic load and verify that output
voltage is 5V with respect to GND.
10) Vary the input voltage from 6V to 60V.
11) Vary the load current from 1mA to 100mA and verify
that output voltage is 5V with respect to GND.
Note: While performing an output short-circuit test, it is
possible for the ceramic output capacitor to oscillate with
the wiring inductance between the capacitor and short-
circuited load, and thereby cause the absolute maximum
rating of VOUT pin (-0.3V) to be exceeded. The resistor
(R7) and the capacitor (C5) are included on this EV kit to
protect against unintentional violation of the above men-
tioned rating. In the actual system design, parasitic board
or wiring inductance should be minimized and the output-
voltage waveform under short-circuit operation should be
verified to ensure that the absolute maximum rating of
VOUT pin is not exceeded.
19-6906; Rev 1; 4/14
Ordering Information appears at end of data sheet.
μMAX is a registered trademark of Maxim Integrated Products,
Inc.


Similar Part No. - MAX17552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17552 MAXIM-MAX17552 Datasheet
712Kb / 8P
5V Output Voltage Applications
Rev 2; 11/20
MAX17552ATBEVKIT MAXIM-MAX17552ATBEVKIT Datasheet
712Kb / 8P
5V Output Voltage Applications
Rev 2; 11/20
MAX17552B MAXIM-MAX17552B Datasheet
712Kb / 8P
5V Output Voltage Applications
Rev 2; 11/20
More results

Similar Description - MAX17552

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17691B MAXIM-MAX17691B Datasheet
683Kb / 8P
Output-Voltage Application
Rev 0; 10/20
MAX17692B MAXIM-MAX17692B Datasheet
555Kb / 8P
5V Output-Voltage Application
Rev 0; 12/20
MAX17505EVKITB MAXIM-MAX17505EVKITB Datasheet
514Kb / 11P
5V Output-Voltage Application
Rev 0; 1/14
MAX17575EVKITB MAXIM-MAX17575EVKITB Datasheet
739Kb / 8P
Output-Voltage Application
Rev 1; 6/17
MAX17575EVKITA MAXIM-MAX17575EVKITA Datasheet
684Kb / 8P
Output-Voltage Application
Rev 1; 6/17
MAX17572EVKITB MAXIM-MAX17572EVKITB Datasheet
819Kb / 8P
Output-Voltage Application
Rev 0; 9/16
MAX17572EVKITA MAXIM-MAX17572EVKITA Datasheet
686Kb / 8P
Output-Voltage Application
Rev 1; 6/17
MAX17545EVKITA MAXIM-MAX17545EVKITA Datasheet
1Mb / 11P
3.3V Output-Voltage Application
Rev 0; 10/14
MAX17541GTAEVKIT MAXIM-MAX17541GTAEVKIT Datasheet
707Kb / 12P
Output-Voltage Application
Rev 0; 7/15
MAX17532AUBEVKIT MAXIM-MAX17532AUBEVKIT Datasheet
995Kb / 9P
Output-Voltage Application
Rev 0; 7/15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com